Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR-D3T-SD9 Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # ITR-D3T-SD9
Description  1310/1490/1555nm Integrated Triplexer Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

ITR-D3T-SD9 Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button ITR-D3T-SD9 Datasheet HTML 3Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 4Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 5Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 6Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 7Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 8Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 9Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 10Page - Source Photonics, Inc. ITR-D3T-SD9 Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ITR-D3T-SD9
DS-7284 Rev 02
Ordering Information
Table11
– Valid Part Numbers
Part Number
Description
ITR-D3T-SD9
GPON ONT triplexer optical transceiver,SC/APC, I-temp operation
Table 12 - Device Handling/ESD Protection
The devices are static sensitive and may easily be damaged if care is not taken during handling. The following handling practices are
recommended.
1
Devices should be handled on benches with conductive and grounding surfaces.
2
All personnel, test equipment and tools shall be grounded.
3
Do not handle the devices by their leads.
4
Store devices in protective foam or carriers.
5
Avoid the use of non-conductive plastics, rubber, or silk in the area where the devices are handled
6
All modules shall be packaged in materials that are anti-static to protect against adverse electrical environments.
7
Avoid applications of any voltage higher than maximum rated voltages to this part. For proper operation, any VIN or VOUT should be
constrained to the range GND
 (VIN or VOUT)  VCC. Unused inputs must always be tied to an appropriate logic voltage (e.g. either
GND or VCC). Unused outputs must be left open.


Similar Part No. - ITR-D3T-SD9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results

Similar Description - ITR-D3T-SD9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Optoway Technology Inc
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9940MG OPTOWAY-SPB-9940MG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com