Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-240H-C Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240H-C
Description  250W Single Output LED Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240H-C Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-240H-C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
50%
60%
70%
80%
90%
100%
277V
230V
115V
Fosc(PFC) : 50KHz
Fosc(PWM) : 65KHz
DIM+
(B Type)
DIM-
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
INPUT VOLTAGE (V) 60Hz
90
110
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
AMBIENT TEMPERATURE (
)
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
230VAC
110VAC
Power Factor Characteristic
LOAD
Constant Current Mode
(2 0W)
5
250W Single Output LED Power Supply
HLG-240H-C series
File Name:HLG-240H-C-SPEC 2015-10-02
Derating Curve
Static Characteristics
Block Diagram


Similar Part No. - HLG-240H-C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240H-12 MEANWELL-HLG-240H-12 Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12 MEANWELL-HLG-240H-12 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12 MEANWELL-HLG-240H-12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12A MEANWELL-HLG-240H-12A Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12B MEANWELL-HLG-240H-12B Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240H-C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
S-250 MEANWELL-S-250 Datasheet
333Kb / 2P
   250W Single Output Switching Power Supply
logo
Total Power Internation...
S-250 TOTAL-POWER-S-250 Datasheet
408Kb / 2P
   250W Single Output Switching Power Supply
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
   25W Single Output LED Power Supply
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com