Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEP-100-12-A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HEP-100-12-A
Description  100W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HEP-100-12-A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HEP-100-12-A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HEP-100-12-A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HEP-100-12-A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HEP-100-12-A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100W Single Output Switching Power Supply
HEP-100 series
■ Description
HEP-100 is a 100W industrial AC/DC power supply featuring the outstanding capability to operate under
highly humid, dusty, oily, and high-vibration harsh environment. The entire series is housed with the
aluminum case and fully potted with heat-conducted silicone. Thanks to state-of-the-art design, the
working efficiency is up to 93%, enabling HEP-100 perfectly work between -55 and +70 under free
℃℃
air convection.
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
High efficiency up to 93%
Fanless design, cooling by free air convection
-55~+70 wide operating range
Aluminum case and filling with heat-conducted silicone
IP65 design, optional IP68 rated model available
Meet 6KV surge immunity level
Withstand 10G vibration test
Protections: Short circuit / Overload / Over voltage
/ Over temperature
Operating altitude up to 5000 meters (Note.9)
6 years warranty
■ Features
■ Applications
IP65 IP68
■ Model Encoding
Function mode option
Output voltage
Output wattage
Series name
{ throughinternalpotentiometer.
A : Standard model, IP65, Vo and o level can be adjusted
I
Blank : Optional model, IP68, with fixed Vo and Io level.
HEP
-
- 100 12 A
5
Outdoor telecommunication equipment
Outdoor electronic signage and billboard
Petroleum plant or mine shaft facility
(optional)
File Name:HEP-100-SPEC 2015-08-24


Similar Part No. - HEP-100-12-A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HEP-1000 MEANWELL-HEP-1000 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
HEP-1000-100 MEANWELL-HEP-1000-100 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
HEP-1000-24 MEANWELL-HEP-1000-24 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
HEP-1000-48 MEANWELL-HEP-1000-48 Datasheet
229Kb / 7P
   1000W Switching Power Supply for Harsh Environment
More results

Similar Description - HEP-100-12-A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com