Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELG-100-36-A Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # ELG-100-36-A
Description  100W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELG-100-36-A Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  ELG-100-36-A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELG-100-36-A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELG-100-36-A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELG-100-36-A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELG-100-36-A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELG-100-36-A Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELG-100-36-A Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
File Name:ELG-100-SPEC 2015-11-30
100W Single Output Switching Power Supply
ELG-100 series
DIMMING OPERATION(for B-Type only)
※ Reference resistance value for output current adjustment (Typical)
※ Built-in 3 in 1 dimming function, IP67 rated. Output constant current level can be adjusted through output cable by connecting a resistance or
0 ~ 10Vdc or 10V PWM signal between DIM+ and DIM-.
※ Please DO NOT connect "DIM-" to "-V".
60K
Ω
60%
60%
10K
Ω
Short
Short
10K
/N
Ω 20K /N
Ω 30K /N
Ω 40K /N
Ω 50K /N
Ω 60K /N
Ω 70K /N
Ω 80K /N
Ω 90K /N
Ω 100K /N
Ω
Single driver
Multiple drivers
(N=driver quantity for synchronized
dimming operation)
1V
0V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
0%
10%
0%
20K
Ω
20%
20%
30K
Ω
30%
30%
40K
Ω
40%
40%
50K
Ω
50%
50%
70K
Ω
70%
70%
80K
Ω
80%
80%
90K
Ω 100KΩ
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistance
value
Dimming value
Percentage of rated current
Percentage of rated current
※ 0 ~ 10V dimming function for output current adjustment (Typical)
60%
60%
10%
0%
10%
0%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Duty value
Percentage of rated current
95%~108%
-----
95%~108%
95%~108%
※ 10V PWM signal for output current adjustment (Typical): Frequency range :100Hz ~ 3KHz
AC/L(Brown)
AC/N(Blue)
+V(Red)
-V(Black)
DIM-(White)
DIM+(Blue)
ELG-100
0V
0%
1V
10%
2V
20%
3V
30%
4V
40%
5V
50%
Dimming input
6V
60%
7V
70%
8V
80%
9V
90%
10V
0~10V
100%
Duty cycle of 10V PWM (frequency range = 100~3KHz)
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Short~100K
/N resistance (N=driver quantity for synchronized
Ω
dimming operation )
Short 10K/N
※ Note : 1. Min. dimming level is about 6%
2. The output current is not defined when 0%< out<6%
I
3. The output current could drop down to 0% when dimming input
is about 0
or 0Vdc, or 10V PWM signal with 0% duty cycle
K
Ω
Note
20K/N 30K/N 40K/N 50K/N 60K/N 70K/N 80K/N 90K/N 100K/N
◎ Dimming Characteristic
95%~108% when DIM+/DIM- are open circuit.


Similar Part No. - ELG-100-36-A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
ELG-100-C500-A MEANWELL-ELG-100-C500-A Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
More results

Similar Description - ELG-100-36-A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com