Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG08AMUTCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SG08AMUTCG
Description  Single 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG08AMUTCG Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SG08AMUTCG Datasheet HTML 1Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 2Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 3Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 4Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 5Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 6Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 7Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 8Page - ON Semiconductor NL17SG08AMUTCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NL17SG08
http://onsemi.com
5
Figure 2. Switching Waveforms
Figure 3. Test Circuit
GND
50%
50% VCC
Input A or B
Output Y
tPHL
tPLH
50% VCC
VOL
VOH
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended
for propagation delay tests.
CL*
INPUT
VCC
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
NL17SG08P5T5G
SOT−953
(Pb−Free)
8000 / Tape & Reel
NL17SG08DFT2G
SC−88A
(Pb−Free)
3000 / Tape & Reel
NLV17SG08DFT2G*
SC−88A
(Pb−Free)
3000 / Tape & Reel
NL17SG08AMUTCG
UDFN6 1.45x1 mm
(Pb−Free)
3000 / Tape & Reel
NL17SG08CMUTCG
(In Development)
UDFN6 1x1 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.


Similar Part No. - NL17SG08AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG08AMUTCG ONSEMI-NL17SG08AMUTCG Datasheet
133Kb / 9P
   Single 2-Input AND Gate
April, 2013 ??Rev. 3
NL17SG08AMUTCG ONSEMI-NL17SG08AMUTCG Datasheet
92Kb / 9P
   Single 2-Input AND Gate
June, 2016 ??Rev. 7
More results

Similar Description - NL17SG08AMUTCG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com