Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG02P5T5G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NL17SG02P5T5G
Description  Single 2-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG02P5T5G Datasheet(HTML) 9 Page - ON Semiconductor

  NL17SG02P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 7Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 8Page - ON Semiconductor NL17SG02P5T5G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NL17SG02
http://onsemi.com
9
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5/SOT−353)
CASE 419A−02
ISSUE L
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
SOLDER FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NL17SG02/D
MiniGate is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NL17SG02P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG00 ONSEMI-NL17SG00 Datasheet
117Kb / 9P
   Single 2-Input NAND Gate
March, 2014 ??Rev. 4
NL17SG00AMUTCG ONSEMI-NL17SG00AMUTCG Datasheet
117Kb / 9P
   Single 2-Input NAND Gate
March, 2014 ??Rev. 4
NL17SG00CMUTCG ONSEMI-NL17SG00CMUTCG Datasheet
117Kb / 9P
   Single 2-Input NAND Gate
March, 2014 ??Rev. 4
NL17SG00DFT2G ONSEMI-NL17SG00DFT2G Datasheet
117Kb / 9P
   Single 2-Input NAND Gate
March, 2014 ??Rev. 4
NL17SG00P5T5G ONSEMI-NL17SG00P5T5G Datasheet
117Kb / 9P
   Single 2-Input NAND Gate
March, 2014 ??Rev. 4
More results

Similar Description - NL17SG02P5T5G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com