Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTND31211PZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTND31211PZ
Description  Dual P-Channel Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTND31211PZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTND31211PZ Datasheet HTML 1Page - ON Semiconductor NTND31211PZ Datasheet HTML 2Page - ON Semiconductor NTND31211PZ Datasheet HTML 3Page - ON Semiconductor NTND31211PZ Datasheet HTML 4Page - ON Semiconductor NTND31211PZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTND31211PZ
www.onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction-to-Ambient (Note 3)
Steady State
t
≤ 5 s
RqJA
998
751
°C/W
3. Surface-mounted on FR4 board using the minimum recommended pad size, 1 oz Cu.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −5 V
TJ = 25°C
−50
nA
TJ = 85°C
−200
nA
VGS = 0 V,
VDS = −16 V
TJ = 25°C
−100
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5.0 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−1.0
V
Drain-to-Source On Resistance
RDS(ON)
VGS = −4.5 V, ID = −100 mA
2.1
5.0
W
VGS = −2.5 V, ID = −50 mA
2.7
6.0
VGS = −1.8 V, ID = −20 mA
3.4
7.0
VGS = −1.5 V, ID = −10 mA
4.2
10.0
Forward Transconductance
gFS
VDS = −5.0 V, ID = −125 mA
0.35
S
Forward Diode Voltage
VSD
VGS = 0 V, IS = −10 mA
−0.6
−1.0
V
CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = −15 V
12.8
pF
Output Capacitance
COSS
2.8
Reverse Transfer Capacitance
CRSS
2.0
SWITCHING CHARACTERISTICS, VGS = 4.5 V
Turn-On Delay Time
td(ON)
VGS = −4.5 V, VDD = −15 V,
ID = −200 mA, RG = 2.0 W
37
ns
Rise Time
tr
71
Turn-Off Delay Time
td(OFF)
280
Fall Time
tf
171
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Device
Package
Shipping
NTND31211PZTAG
XLLGA6
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTND31211PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTND31215CZ ONSEMI-NTND31215CZ Datasheet
99Kb / 8P
   Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31215CZTAG ONSEMI-NTND31215CZTAG Datasheet
99Kb / 8P
   Small Signal MOSFET
November, 2015 ??Rev. 0
More results

Similar Description - NTND31211PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
   P-Channel Small Signal MOSFET
July, 2013
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
   P-Channel Small Signal MOSFET
June, 2013
5LP01SP ONSEMI-5LP01SP Datasheet
82Kb / 6P
   P-Channel Small Signal MOSFET
April, 2014
5LP01M ONSEMI-5LP01M Datasheet
265Kb / 6P
   P-Channel Small Signal MOSFET
July, 2013
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
   P-Channel Small Signal MOSFET
July, 2013
logo
Will Semiconductor Ltd.
WPMD2013 WILLSEMI-WPMD2013 Datasheet
383Kb / 6P
   Dual P-Channel, -20V, -0.64A, Small Signal MOSFET
logo
Weitron Technology
BSS84 WEITRON-BSS84 Datasheet
127Kb / 4P
   Small Signal MOSFET P-Channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com