Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11C90D Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C90D
Description  650 MHz Prescalers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C90D Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button 11C90D Datasheet HTML 2Page - National Semiconductor (TI) 11C90D Datasheet HTML 3Page - National Semiconductor (TI) 11C90D Datasheet HTML 4Page - National Semiconductor (TI) 11C90D Datasheet HTML 5Page - National Semiconductor (TI) 11C90D Datasheet HTML 6Page - National Semiconductor (TI) 11C90D Datasheet HTML 7Page - National Semiconductor (TI) 11C90D Datasheet HTML 8Page - National Semiconductor (TI) 11C90D Datasheet HTML 9Page - National Semiconductor (TI) 11C90D Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Physical Dimensions inches (millimeters)
16 Lead Ceramic Dual-In-Line Package (D)
NS Package Number J16A
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax (a49) 0-180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2309
Arlington TX 76017
Email cnjwge tevm2nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel (a49) 0-180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel (a49) 0-180-532 78 32
Hong Kong
Fran ais Tel (a49) 0-180-532 93 58
Tel (852) 2737-1600
Italiano
Tel (a49) 0-180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - 11C90D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
National Semiconductor ...
11C06 NSC-11C06 Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C06DCQR NSC-11C06DCQR Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C06FCQR NSC-11C06FCQR Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
More results

Similar Description - 11C90D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
   130/225 MHz Low Power Prescalers
logo
Fujitsu Component Limit...
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
logo
NEC
UPB553AC NEC-UPB553AC Datasheet
201Kb / 4P
   150 MHz DIVIDE-BY-16/17 LOW POWER PRESCALERS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1873A TAI-SAW-TA1873A Datasheet
238Kb / 7P
   SAW Filter 650 MHz
logo
Cypress Semiconductor
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
   Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
logo
M/A-COM Technology Solu...
MAFL-010608 MA-COM-MAFL-010608 Datasheet
760Kb / 6P
   MoCA BPF 650-875 MHz
logo
Zarlink Semiconductor I...
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
   6 GHz Fixed Modulus Prescalers
logo
National Semiconductor ...
DS8673 NSC-DS8673 Datasheet
97Kb / 4P
   Low Power VHF/UHF Prescalers
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
   650 MHz-3 GHz Directional Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com