Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81251 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP81251
Description  Single-Phase Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81251 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP81251 Datasheet HTML 1Page - ON Semiconductor NCP81251 Datasheet HTML 2Page - ON Semiconductor NCP81251 Datasheet HTML 3Page - ON Semiconductor NCP81251 Datasheet HTML 4Page - ON Semiconductor NCP81251 Datasheet HTML 5Page - ON Semiconductor NCP81251 Datasheet HTML 6Page - ON Semiconductor NCP81251 Datasheet HTML 7Page - ON Semiconductor NCP81251 Datasheet HTML 8Page - ON Semiconductor NCP81251 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP81251
www.onsemi.com
5
Table 2. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Min
Max
Power Supply Voltage to PGND
VVIN
30
V
Switch Node to PGND
VSW
30
V
Analog Supply Voltage to GND
VCC, VCCP
−0.3
6.5
V
BST to PGND
BST_PGND
−0.3
33
38 (<50 ns)
V
BST to SW
BST_SW
−0.3
6.5
V
GH to SW
GH
−0.3
−2 (<200 ns)
BST+0.3
V
GL to GND
GL
−0.3
−2 (<200 ns)
VCCP+0.3
V
VSN to GND
VSN
−0.3
0.3
V
IOUT
IOUT
−0.3
2.5
V
PGND to GND
PGND
−0.3
0.3
V
Other Pins
−0.3
VCC+0.3
V
Latch up Current: (Note 1)
All pins, except digital pins
Digital pins
ILU
−100
−10
100
10
mA
Operating Junction Temperature Range
TJ
−40
125
°C
Operating Ambient Temperature Range
TA
−40
125
°C
Storage Temperature Range
TSTG
−40
150
°C
Thermal Resistance Junction to Board (Note 2)
RθJB
8.2
°C/W
Thermal Resistance Junction to Ambient (Note 2)
RθJA
21.8
°C/W
Power Dissipation at TA = 25°C (Note 3)
PD
4.59
W
Moisture Sensitivity Level (Note 4)
MSL
3
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Latch up Current per JEDEC standard: JESD78 class II.
2. The thermal resistance values are dependent of the internal losses split between devices and the PCB heat dissipation. This data is based
on a typical operation condition with a 4−layer FR−4 PCB board, which has two, 1−ounce copper internal power and ground planes and
2−ounce copper traces on top and bottom layers with approximately 80% copper coverage. No airflow and no heat sink applied (reference
EIA/JEDEC 51.7). It also does not account for other heat sources that may be present on the PCB next to the device in question (such as
inductors, resistors etc.)
3. The maximum power dissipation (PD) is dependent on input voltage, output voltage, output current, external components selected, and PCB
layout. The reference data is obtained based on TJMAX = 125°C and RθJA = 21.8°C/W.
4. Moisture Sensitivity Level (MSL): 3 per IPC/JEDEC standard: J−STD−020D.1.


Similar Part No. - NCP81251

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252MNTXG ONSEMI-NCP81252MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81253 ONSEMI-NCP81253 Datasheet
91Kb / 10P
   5 V MOSFET Driver Compatible
December, 2014 ??Rev. 0
More results

Similar Description - NCP81251

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
ON Semiconductor
NCP81568 ONSEMI-NCP81568 Datasheet
257Kb / 17P
   Single‐Phase Voltage Regulator with SVID Interface for Computing Applications
July, 2023 - Rev. 0
NCP81149 ONSEMI-NCP81149 Datasheet
389Kb / 18P
   Single-Phase Voltage Regulator with SVID Interface for Computing Applications
September, 2015 - Rev. 3
logo
STMicroelectronics
PM6652 STMICROELECTRONICS-PM6652 Datasheet
1Mb / 53P
   Single-phase controller for Intel MVP 6.5 render voltage regulator,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com