Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81074A Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP81074A
Description  High Speed Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81074A Datasheet(HTML) 3 Page - ON Semiconductor

  NCP81074A Datasheet HTML 1Page - ON Semiconductor NCP81074A Datasheet HTML 2Page - ON Semiconductor NCP81074A Datasheet HTML 3Page - ON Semiconductor NCP81074A Datasheet HTML 4Page - ON Semiconductor NCP81074A Datasheet HTML 5Page - ON Semiconductor NCP81074A Datasheet HTML 6Page - ON Semiconductor NCP81074A Datasheet HTML 7Page - ON Semiconductor NCP81074A Datasheet HTML 8Page - ON Semiconductor NCP81074A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP81074A, NCP81074B
www.onsemi.com
3
PIN DESCRIPTION
Pin No.
Symbol
Description
1
IN+
Non−Inverting Input which has logic compatible threshold and hysteresis. If not used, this pin should be
connected to either VDD or GND. It should not be left unconnected.
2
GND
Common ground. This ground should be connected very closely to the source of the power MOSFET.
3
GND
Common ground. This ground should be connected very closely to the source of the power MOSFET.
4
OUTL
Sink pin. Connect to Gate of MOSFET.
5
OUTH
Source Pin. Connect to Gate of MOSFET.
6
VDD
Power Supply Input Pin.
7
VDD
Power supply Input Pin.
8
IN−
Inverting Input which has logic compatible threshold and hysteresis. If not used, this pin should be connect-
ed to either VDD or GND. It should not be left unconnected
Figure 2. TYPICAL APPLICATION CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Min
Max
Supply Voltage
VDD
−0.3
24
V
Output Current (DC)
Iout_dc
0.6
A
Reverse Current (Pulse<1
ms)
10
A
Output Current (Pulse<0.5
ms)
Iout_pulse
10
A
Input Voltage
IN+, IN−
−6
24
V
Output Voltages
OUTH, OUTL
−0.3
VDD + 0.3
V
Output Voltages (Pulse<0.5
ms)
OUTH, OUTL
−3.0
VDD + 3.0
V
Junction Operation Temperature
TJ
−40
150
°C
Storage Temperature
Tstg
−65
160
Electrostatic Discharge
Human body model, HBM
4000
V
Charge device model, CDM
1000
OUT Latch−up Protection
500
mA
Moisture Sensitivity Level (MSL)
MSL1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - NCP81074A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCP81071ADR2G ONSEMI-NCP81071ADR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCP81071ADR2G ONSEMI-NCP81071ADR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
NCP81071AMNTXG ONSEMI-NCP81071AMNTXG Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCP81071AMNTXG ONSEMI-NCP81071AMNTXG Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
April, 2016 ??Rev. 3
More results

Similar Description - NCP81074A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
   High-Speed High-Side MOSFET Driver
logo
ON Semiconductor
NCV51705 ONSEMI-NCV51705 Datasheet
392Kb / 19P
   Single 6 A High-Speed, Low-Side SiC MOSFET Driver
April, 2019 ??Rev. 1
NCP51705 ONSEMI-NCP51705_V01 Datasheet
465Kb / 23P
   Single 6 A High-Speed, Low-Side SiC MOSFET Driver
June, 2022 - Rev. 6
logo
Semtech Corporation
SC1301A SEMTECH-SC1301A Datasheet
159Kb / 9P
   2A High Speed Low-Side MOSFET Driver in SOT-23
logo
ON Semiconductor
NCV51705 ONSEMI-NCV51705_V01 Datasheet
450Kb / 21P
   Single 6 A High-Speed, Low-Side SiC MOSFET Driver
June, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com