Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP330MUTBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP330MUTBG
Description  Soft-Start Controlled Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP330MUTBG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP330MUTBG Datasheet HTML 1Page - ON Semiconductor NCP330MUTBG Datasheet HTML 2Page - ON Semiconductor NCP330MUTBG Datasheet HTML 3Page - ON Semiconductor NCP330MUTBG Datasheet HTML 4Page - ON Semiconductor NCP330MUTBG Datasheet HTML 5Page - ON Semiconductor NCP330MUTBG Datasheet HTML 6Page - ON Semiconductor NCP330MUTBG Datasheet HTML 7Page - ON Semiconductor NCP330MUTBG Datasheet HTML 8Page - ON Semiconductor NCP330MUTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP330
www.onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin Name
Pin
Number
Type
Description
IN
1
POWER
Power−switch input voltage; connect a 1
mF or greater ceramic capacitor from IN to GND as
close as possible to the IC.
GND
2
POWER
Ground connection;
EN
3
INPUT
Enable input, logic high turns on power switch.
OUT
4
OUTPUT
Power−switch output; connect a 1
mF ceramic capacitor from OUT to GND as close as pos-
sible to the IC is recommended.
PAD1
POWER
Exposed pad can be connected to GND plane for dissipation purpose or any other thermal
plane.
BLOCK DIAGRAM
Charge
Pump
EN block
VREF
Gate driver and soft
start control
IN: Pin1
EN: 3
OUT: Pin 4
2
Battery
Figure 2. Block Diagram
1
mF


Similar Part No. - NCP330MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
   Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
More results

Similar Description - NCP330MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
   Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
   Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com