Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSF7N03Z Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMSF7N03Z
Description  N?묬hannel SO?? Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03Z Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMSF7N03Z Datasheet HTML 2Page - ON Semiconductor MMSF7N03Z Datasheet HTML 3Page - ON Semiconductor MMSF7N03Z Datasheet HTML 4Page - ON Semiconductor MMSF7N03Z Datasheet HTML 5Page - ON Semiconductor MMSF7N03Z Datasheet HTML 6Page - ON Semiconductor MMSF7N03Z Datasheet HTML 7Page - ON Semiconductor MMSF7N03Z Datasheet HTML 8Page - ON Semiconductor MMSF7N03Z Datasheet HTML 9Page - ON Semiconductor MMSF7N03Z Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MMSF7N03Z
http://onsemi.com
6
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Qg, TOTAL GATE CHARGE (nC)
05
10
4
15
ID = 5 A
TJ = 25°C
VGS
8
2
0
12
10
24
20
12
8
0
VDS
QT
Q1
Q2
Q3
20
25
RG, GATE RESISTANCE (OHMS)
1
100
10
VDD = 15 V
ID = 7.5 A
VGS = 10 V
TJ = 25°C
td(on)
tr
100
10
td(off)
tf
6
4
16
30
35
1000
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse
recovery characteristics which play a major role in
determining switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier
device, therefore it has a finite reverse recovery time, trr, due
to the storage of minority carrier charge, QRR, as shown in
the typical reverse recovery wave form of Figure 11. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery
further increases switching losses. Therefore, one would
like a diode with short trr and low QRR specifications to
minimize these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current
ringing. The mechanisms at work are finite irremovable
circuit parasitic inductances and capacitances acted upon by
high di/dts. The diode’s negative di/dt during ta is directly
controlled by the device clearing the stored charge.
However, the positive di/dt during tb is an uncontrollable
diode characteristic and is usually the culprit that induces
current ringing. Therefore, when comparing diodes, the
ratio of tb/ta serves as a good indicator of recovery
abruptness and thus gives a comparative estimate of
probable noise generated. A ratio of 1 is considered ideal and
values less than 0.5 are considered snappy.
Compared to ON Semiconductor standard cell density
low voltage MOSFETs, high cell density MOSFET diodes
are faster (shorter trr), have less stored charge and a softer
reverse recovery characteristic. The softness advantage of
the high cell density diode means they can be forced through
reverse recovery at a higher di/dt than a standard cell
MOSFET diode without increasing the current ringing or the
noise generated. In addition, power dissipation incurred
from switching the diode will be less due to the shorter
recovery time and lower switching losses.


Similar Part No. - MMSF7N03Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
More results

Similar Description - MMSF7N03Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
   N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF2P01HD ONSEMI-MMDF2P01HD Datasheet
260Kb / 12P
   P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com