Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR265-6 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCR265-6
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR265-6 Datasheet(HTML) 1 Page - ON Semiconductor

  MCR265-6 Datasheet HTML 1Page - ON Semiconductor MCR265-6 Datasheet HTML 2Page - ON Semiconductor MCR265-6 Datasheet HTML 3Page - ON Semiconductor MCR265-6 Datasheet HTML 4Page - ON Semiconductor MCR265-6 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
MCR265/D
MCR265−4 Series
Preferred Device
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed for inverse parallel SCR output devices for solid state
relays, welders, battery chargers, motor controls or applications
requiring high surge operation.
Photo Glass Passivated Blocking Junctions for High Temperature
Stability, Center Gate for Uniform Parameters
550 Amperes Surge Capability
Blocking Voltage to 800 Volts
Device Marking: Logo, Device Type, e.g., MCR265−4, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage(1)
(TJ = 25 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
MCR265−4
MCR265−6
MCR265−8
MCR265−10
VDRM,
VRRM
200
400
600
800
Volts
On-State RMS Current
(180° Conduction Angles; TC = 70°C)
IT(RMS)
55
Amps
Average On-State Current
(180° Conduction Angles; TC = 70°C)
IT(AV)
35
Amps
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave, 60 Hz,
TJ = 70°C)
ITSM
550
Amps
Forward Peak Gate Power
(Pulse Width ≤ 1.0 μs, TC = 70°C)
PGM
20
Watts
Forward Average Gate Power
(t = 8.3 ms, TC = 70°C)
PG(AV)
0.5
Watt
Forward Peak Gate Current
(Pulse Width ≤ 1.0 μs, TC = 70°C)
IGM
2.0
Amps
Operating Junction Temperature Range
TJ
−40 to
+125
°C
Storage Temperature Range
Tstg
−40 to
+150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
These devices are rated for use in applications subject to high surge
conditions. Care must be taken to insure proper heat sinking when the device
is to be used at high sustained currents.
SCRs
55 AMPERES RMS
200 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MCR265−4
TO220AB
500/Box
MCR265−6
TO220AB
MCR265−8
TO220AB
http://onsemi.com
500/Box
500/Box
K
G
A
TO−220AB
CASE 221A
STYLE 3
1
2
3
4
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
MCR265−10
TO220AB
500/Box


Similar Part No. - MCR265-6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR265-6 MOTOROLA-MCR265-6 Datasheet
90Kb / 4P
   Thyristors
logo
Digitron Semiconductors
MCR265-6 DIGITRON-MCR265-6 Datasheet
350Kb / 3P
   THYRISTORS SCRs/55 Amps/50-800 Volts
logo
New Jersey Semi-Conduct...
MCR265-6 NJSEMI-MCR265-6 Datasheet
94Kb / 2P
   Thyristors Silicon Controlled Rectifiers
More results

Similar Description - MCR265-6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com