Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF02-2N2_-RC Datasheet(PDF) 1 Page - Allied Components International

Part # TF02-2N2_-RC
Description  Thin Film Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TF02-2N2_-RC Datasheet(HTML) 1 Page - Allied Components International

  TF02-2N2_-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin Film Chip Inductor
TF02
800
800
700
700
700
700
700
700
700
560
560
560
560
560
440
440
440
440
440
440
440
380
380
380
380
380
380
380
380
340
340
320
320
280
280
260
260
260
IDC
Max
(mA)
TF02-0N2_-RC
TF02-0N3_-RC
TF02-0N6_-RC
TF02-0N9_-RC
TF02-1N0_-RC
TF02-1N1_-RC
TF02-1N2_-RC
TF02-1N4_-RC
TF02-1N5_-RC
TF02-1N6_-RC
TF02-1N7_-RC
TF02-1N8_-RC
TF02-1N9_-RC
TF02-2N0_-RC
TF02-2N1_-RC
TF02-2N2_-RC
TF02-2N3_-RC
TF02-2N4_-RC
TF02-2N5_-RC
TF02-2N6_-RC
TF02-2N7_-RC
TF02-2N8_-RC
TF02-2N9_-RC
TF02-3N0_-RC
TF02-3N1_-RC
TF02-3N2_-RC
TF02-3N3_-RC
TF02-3N4_-RC
TF02-3N6_-RC
TF02-3N7_-RC
TF02-3N8_-RC
TF02-3N9_-RC
TF02-4N7_-RC
TF02-5N4_-RC
TF02-5N6_-RC
TF02-5N9_-RC
TF02-6N8_-RC
TF02-7N2_-RC
TF02-8N0_-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
Min.
SRF
Min.
(GHz)
DCR
Max.
(
Ω)
13/500MHz
14
14
14
14
14
12
10
10
10
10
10
8
8
8
8
8
8
8
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
5.5
5.5
5.5
0.10
0.10
0.15
0.15
0.15
0.15
0.15
0.25
0.25
0.25
0.25
0.25
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.45
0.45
0.45
0.45
0.45
0.45
0.55
0.55
0.55
0.55
0.55
0.65
0.85
0.85
0.85
1.05
1.05
1.25
1.25
(MHz)
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
F, G, H, J
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Dimensions:
Inches
(mm)
700
TF02-1N3_-RC
10
0.25
B, C, S
800
700
TF02-0N4_-RC
TF02-0N5_-RC
14
14
0.10
0.15
B, C, S
B, C, S
380
TF02-3N5_-RC
6
0.55
B, C, S
340
TF02-4N3_-RC
6
0.65
B, C, S
280
TF02-6N5_-RC
6
1.05
220
220
220
TF02-8N1_-RC
TF02-8N2_-RC
TF02-9N1_-RC
5.5
4.5
4.5
1.25
1.25
1.35
All specifications subject to change without notice.
Features
• 0402 size SMD suitable for pick and
• Photolithographic single layer ceramic
• Inductance stable in high frequency
Electrical
Inductance Range: .2nH to 33nH
Tolerance: As noted from +/-0.1nH to 5%
IDC: Current at which the inductance will
Operating Temp: -40ºC to +85ºC
Physical
Packaging: 10000 pieces per 7 inch reel.
• Low Profile under .327mm!
Resistance to Soldering Heat:
per Mil-STD-202 Method 210E
Marking: None
value without current.
08/26/2015
To complete part number insert tolerance designator: B=±0.1nH, C=±0.2nH, S=±0.3nH, F=±1%, G=±2%, H=±3%, J=±5%
220
3.7
J
• High SRF and Q values
0.039±0.001
(1.0±0.05)
0.012±0.001
(0.32±0.05)
0.019±0.001
(0.5±0.05)
0.007±0.003
(0.2±0.10)
12
8
8
3.7
3.3
3.1
3.1
2.8
2.8
2.5
2.5
180
130
100
100
180
90
90
75
75
200
200
0.35
1.35
1.55
1.75
1.75
1.95
2.15
2.55
2.65
3.25
4.50
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
13/500MHz
B, C, S
B, C, S
B, C, S
B, C, S
F, G, H, J
F, G, H, J
F, G, H, J
F, G, H, J
F, G, H, J
F, G, H, J
F, G, H, J
F, G, H, J
F, G, H, J
13/500MHz
13/500MHz
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
B, C, S
Q Factor
TF02-10N0_-RC
TF02-10N8_-RC
TF02-12N0_-RC
TF02-13N8_-RC
TF02-15N0_-RC
TF02-17N0_-RC
TF02-18N0_-RC
TF02-20N8_-RC
TF02-22N0_-RC
TF02-27N0_-RC
TF02-33N0_-RC
Test Frequency: 500mHz
Test Method: 260ºC +/-5 for 10 seconds,
Test Equipment
(L&Q): HP4287 + Agilent 1619B
TF02-0N8_-RC
B, C, S
13/500MHz
14
0.15
700
Inductance
(nh)
0.2
0.3
0.6
0.9
1.0
1.1
1.3
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.3
2.4
2.5
2.6
2.8
2.9
3.0
3.1
3.2
3.3
3.5
3.6
3.8
3.9
5.4
5.6
6.5
6.8
10.0
1.4
0.4
0.5
4.7
7.2
33.0
8.0
8.1
8.2
9.1
10.8
12.0
13.8
15.0
17.0
18.0
20.8
22.0
27.0
1.2
2.2
2.7
3.4
3.7
4.3
5.9
0.8
place automation
Inductor
circuits
drop by no more than 10% from initial


Similar Part No. - TF02-2N2_-RC

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TF02 FUMAN-TF02 Datasheet
433Kb / 8P
   Charger driver IC
logo
TAI-SAW TECHNOLOGY CO.,...
TF0203A TAI-SAW-TF0203A Datasheet
471Kb / 14P
   SAW Band2 DPX 1880 / 1960MHz SMD1.8X1.4 mm(BW=59.04/59.04MHz)
TF0208A TAI-SAW-TF0208A Datasheet
546Kb / 13P
   SAW DPX 897.5 / 942.5MHz 35/35MHz BW Band8 SMD1.8X1.4 mm
TF0209A TAI-SAW-TF0209A Datasheet
1Mb / 13P
   SAW DPX 897.5/942.5 MHz LTE Band 8 SMD 1.8X1.4 mm(BW=34.52MHz)
TF0209B TAI-SAW-TF0209B Datasheet
1Mb / 13P
   SAW DPX 897.5/942.5 MHz LTE Band 8 SMD 1.8X1.4 mm(BW=34.52MHz)
More results

Similar Description - TF02-2N2_-RC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com