Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3603 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP3603 Datasheet HTML 2Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 3Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 4Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 5Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 6Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 6 -
7.
Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Voltage between VDD, RSP1, RSP2, RSN1, RSN2 and GND
-
-0.3
40
V
Voltage between CC1, CC2, MDC, SS, FB1, FB2, RT, FSYN,
PWON, V4 and GND
-
-0.3
6
V
Voltage between V8, DRV1, DRV2 and GND
-
-0.3
12
V
Voltage between V8 and V4
-
-0.3
6
V
Voltage between RSP1and RSN1, RSP2 and RSN2
-
-0.3
6
V
Storage Ambient Temperature Range
Tstg
-40
150
°C
Junction Temperature
Tj
-40
145
°C
Power Dissipation (Ta=25°C)
PD
-
3000
mW
Note 1. GND=GND1=GND2
Note 2. Connect GND1 and GND2 at just below the AP3603 on PCB.
Note 3. Junction to Ambient Thermal Resistance θJA= 40°C /W
Ambient temperature of 25ºC using JEDEC 4L board. (114.3mm×76.2mm)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
0
500
1000
1500
2000
2500
3000
3500
-55
-30
-5
20
45
70
95
120
145
OPERATING AMBIENT TEMPERATURE Ta [℃]
125℃ 500mW
Figure 1. Power Dissipation
8.
Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Operating input voltage range
Vin
6.4
-
20
V
Operating ambient temperature
Ta
-40
-
125
°C
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - AP3603

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3601N A-POWER-AP3601N Datasheet
66Kb / 5P
   Simple Drive Requirement
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602AKTR-E1 BCDSEMI-AP3602AKTR-E1 Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
More results

Similar Description - AP3603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
LT1680 LINER-LT1680_15 Datasheet
228Kb / 16P
   High Power DC/DC Step-Up Controller
logo
Maxim Integrated Produc...
MAX863 MAXIM-MAX863 Datasheet
194Kb / 16P
   Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
Rev 1; 6/97
logo
Supertex, Inc
HV9150K6-G SUTEX-HV9150K6-G Datasheet
1Mb / 15P
   High Voltage Output Hysteretic Mode Step Up DC/DC Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com