Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1599V Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK1599V
Description  RF Transmitter for Satellite Communication
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1599V Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK1599V Datasheet HTML 6Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 7Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 8Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 9Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 10Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 11Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 12Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 13Page - Asahi Kasei Microsystems AK1599V Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
[AK1599V]
015006835-E-00
2015/5
- 10 -
Parameter
Min.
Typ.
Max.
Unit
Conditions
Carrier
Suppression
-40
dBc
Pomax(TXGAIN[6:0] bits =
”1111111”)
BB CW Input = 0.5(Vpp, differential)
Sideband Rejection
-40
dBc
Pomax(TXGAIN[6:0] bits =
”1111111”)
BB CW Input = 0.5(Vpp, differential)
2nd Harmonics
-45
dBc
Pomax(TXGAIN[6:0] bits =
”1111111”)
BB CW Input = 0.5(Vpp, differential)
2nd Harmonics(Pout - P(flo + 2fbb))
3rd Harmonics
-45
dBc
Pomax(TXGAIN[6:0] bits =
”1111111”)
BB CW Input = 0.5(Vpp, differential)
3rd Harmonics(Pout - P(flo + 3fbb))
Output Return Loss
-15
dB
50
 matched by recommended circuit
shown on “11. Typical Evaluation Board
Schematic”
Gain Control
Gain Range
12
dB
Gain Control
Step
0.5
dB
Base Band Inputs
Input impedance
10
k
IQ differential
Input Range
2
Vpp
IQ differential, Continuous Wave
1dB down BW
100
MHz
I/Q Input Bias Level
0.5
V
Power Down/Up
Response Time
3
10
s
Modulator and Amplifier can be ON/OFF
by TXON pin.
In case of Power Up, this is ±1dB settling
time against final value.
In case of Power down, this is the time
before
output
power
becomes
under
-60dBm.
PLL
Integrated Phase
Noise
(Integer Mode)
0.18
0.23
degree
rms
LO
≤ 1.9GHz, Only Integer Mode,
2.5 kHz to 4 MHz integration bandwidth
Int
≤ 95, Frac = 0, Mod = 1, (Note1)
0.21
0.25
degree
rms
LO
≤ 2.1GHz, Only Integer Mode,
2.5 kHz to 4 MHz integration bandwidth
Int
≤ 105, Frac = 0, Mod = 1, (Note1)
REFIN
Input Sensitivity
0.7
2
Vpp
Input Frequency
10
300
MHz
PFD
Phase Detector
Frequency
1.2
40
MHz


Similar Part No. - AK1599V

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
More results

Similar Description - AK1599V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1645-30 STMICROELECTRONICS-STM1645-30 Datasheet
43Kb / 6P
   RF POWER MODULE SATELLITE COMMUNICATION APPLICATIONS
October 1999
logo
Z-Communications, Inc
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
   Satellite Communication
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
   Satellite Communication
logo
Bel Fuse Inc.
QRS11 BEL-QRS11 Datasheet
45Kb / 2P
   Satellite Communication
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
   Satellite Communication Systems
logo
Z-Communications, Inc
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
   Satellite Communication Systems
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
   Satellite Communication Systems
logo
Micross Components
HMC555 MICROSS-HMC555 Datasheet
891Kb / 9P
   Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
   Satellite communication systems
HMC365 AD-HMC365 Datasheet
301Kb / 6P
   Satellite Communication Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com