Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR506EF Datasheet(PDF) 1 Page - AUK corp

Part # SUR506EF
Description  Epitaxial Planar Type PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUR506EF Datasheet(HTML) 1 Page - AUK corp

  SUR506EF Datasheet HTML 1Page - AUK corp SUR506EF Datasheet HTML 2Page - AUK corp SUR506EF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-J004-001
1
SUR506EF
Epitaxial Planar Type PNP Silicon Transistor
R1
R2
2.2K
47K
2.2K
47K
Tr1
Tr2
Descriptions
• Digital transistor
Features
• Two SRA2205 chips in SOT-563F package
• With built-in bias resistors
Ordering Information
Type NO.
Marking
Package Code
SUR506EF
88
SOT-563F
Outline Dimensions
unit : mm
Tr1
3
2
1
4
5
6
Tr2
R1
R1
R2
R2
PIN Connections
1. Emitter 1
2. Base 1
3. Collector 2
4. Emitter 2
5. Base 2
6. Collector 1
S
Seem
miiccoon
nd
du
uccttoorr


Similar Part No. - SUR506EF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUR506EF KODENSHI-SUR506EF Datasheet
256Kb / 5P
   Epitaxial planar PNP silicon transistor
More results

Similar Description - SUR506EF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUT487J AUK-SUT487J Datasheet
224Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
SUT488J AUK-SUT488J Datasheet
223Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
logo
KEC(Korea Electronics)
2SA1270 KEC-2SA1270 Datasheet
39Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
2SA1271 KEC-2SA1271 Datasheet
39Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
logo
AUK corp
SUR529H AUK-SUR529H Datasheet
179Kb / 3P
   Epitaxial Planar Type PNP Silicon Transistor
logo
SHIKUES Electronics
2SA1037 SKTECHNOLGY-2SA1037 Datasheet
2Mb / 3P
   Epitaxial planar type, PNP silicon transistor
logo
AUK corp
SUR502EF AUK-SUR502EF Datasheet
118Kb / 3P
   Epitaxial Planar Type PNP Silicon Transistor
logo
KEC(Korea Electronics)
2SA1266 KEC-2SA1266 Datasheet
41Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
logo
AUK corp
SUR551J AUK-SUR551J Datasheet
88Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
logo
KEC(Korea Electronics)
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com