Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25S40FD-AH Datasheet(PDF) 7 Page - ON Semiconductor

Part # LE25S40FD-AH
Description  Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40FD-AH Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LE25S40FD-AH Datasheet HTML 3Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 4Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 5Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 6Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 7Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 8Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 9Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 10Page - ON Semiconductor LE25S40FD-AH Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LE25S40FD
www.onsemi.com
7
2. Status Registers
The status registers hold the operating and setting statuses inside the device, and this information can be read (status
register read) and the protect information can be rewritten (status register write). There are 8 bits in total, and "Table
4 Status registers" gives the significance of each bit.
Table 4 Status Registers
Bit
Name
Logic
Function
Power-on Time Information
Bit0
RDY
0
Ready
0
1
Erase/Program
Bit1
WEN
0
Write disabled
0
1
Write enabled
Bit2
BP0
0
Block protect information
Protecting area switch
Nonvolatile information
1
Bit3
BP1
0
Nonvolatile information
1
Bit4
BP2
0
Nonvolatile information
1
Bit5
TB
0
Block protect
Upper side/Lower side switch
Nonvolatile information
1
Bit6
Reserved bits
0
Bit7
SRWP
0
Status register write enabled
Nonvolatile information
1
Status register write disabled
2-1. Status register read
The contents of the status registers can be read using the status register read command. This command can be
executed even during the following operations.
 Small sector erase, sector erase, chip erase
 Page program
 Status register write
"Figure 5 Status Register Read" shows the timing waveforms of status register read. Consisting only of the first bus
cycle, the status register command outputs the contents of the status registers synchronized to the falling edge of the
clock (SCK) with which the eighth bit of (05h) has been input. In terms of the output sequence, SRWP (bit 7) is the
first to be output, and each time one clock is input, all the other bits up to RDY (bit 0) are output in sequence,
synchronized to the falling clock edge. If the clock input is continued after RDY (bit 0) has been output, the data is
output by returning to the bit (SRWP) that was first output, after which the output is repeated for as long as the clock
input is continued. The data can be read by the status register read command at any time (even during a program or
erase cycle).
Figure 5 Status Register Read
CS
SCK
SI
SO
MSB
MSB
MSB
05h
DATA
DATA
High Impedance
8
3
2
1
0
7
6
5
4
15
23
Mode 3
Mode 0
8CLK
16
DATA
MSB


Similar Part No. - LE25S40FD-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S40AFDTWG ONSEMI-LE25S40AFDTWG Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
LE25S40AMC ONSEMI-LE25S40AMC Datasheet
148Kb / 23P
   Serial Flash Memory
November 2014 - Rev. 2
LE25S40AMCTWG ONSEMI-LE25S40AMCTWG Datasheet
148Kb / 23P
   Serial Flash Memory
November 2014 - Rev. 2
logo
Sanyo Semicon Device
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
LE25S40MB ONSEMI-LE25S40MB Datasheet
210Kb / 22P
   Serial Flash Memory 4 Mb
February 2017 - Rev. 1
More results

Similar Description - LE25S40FD-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com