Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25U20AQG Datasheet(PDF) 2 Page - ON Semiconductor

Part # LE25U20AQG
Description  Serial Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25U20AQG Datasheet(HTML) 2 Page - ON Semiconductor

  LE25U20AQG Datasheet HTML 1Page - ON Semiconductor LE25U20AQG Datasheet HTML 2Page - ON Semiconductor LE25U20AQG Datasheet HTML 3Page - ON Semiconductor LE25U20AQG Datasheet HTML 4Page - ON Semiconductor LE25U20AQG Datasheet HTML 5Page - ON Semiconductor LE25U20AQG Datasheet HTML 6Page - ON Semiconductor LE25U20AQG Datasheet HTML 7Page - ON Semiconductor LE25U20AQG Datasheet HTML 8Page - ON Semiconductor LE25U20AQG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LE25U20AQG
www.onsemi.jp
2
Package Dimensions
unit : mm
Figure 1 Pin Assignments
WDFN8 2x3, 0.5P
CASE 511BY
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.25MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
D2
E2
C
C
0.10
C
0.08
A1
SEATING
PLANE
NOTE 3
b
8X
0.10
C
0.05
C
A B
DIM
MIN
MAX
MILLIMETERS
A
0.70
0.80
A1
0.00
0.05
b
0.20
0.30
D
2.00 BSC
D2
1.40
1.60
E
3.00 BSC
E2
1.80
2.00
e
0.50 BSC
L
0.25
0.35
1
4
8
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
PITCH
2.04 3.30
1
DIMENSIONS: MILLIMETERS
NOTE 4
0.32
8X
DETAIL A
A3
0.20 REF
A3
A
DETAIL B
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
L1
−−−
0.15
e
RECOMMENDED
5
1.66
GENERIC
MARKING DIAGRAM*
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
= Pb−Free Package
*This information is generic. Please refer to
device data sheet for actual part marking.
XXXXX
AWLYW
1
A
M
0.10
B
C
M
M
A
M
0.10
B
C
0.50
C
0.10
8X
Bottom View
1
2
3
4
8
7
6
5


Similar Part No. - LE25U20AQG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
6Mb / 18P
   RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
More results

Similar Description - LE25U20AQG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com