Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25U20AQG Datasheet(PDF) 8 Page - ON Semiconductor

Part # LE25U20AQG
Description  Serial Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25U20AQG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LE25U20AQG Datasheet HTML 4Page - ON Semiconductor LE25U20AQG Datasheet HTML 5Page - ON Semiconductor LE25U20AQG Datasheet HTML 6Page - ON Semiconductor LE25U20AQG Datasheet HTML 7Page - ON Semiconductor LE25U20AQG Datasheet HTML 8Page - ON Semiconductor LE25U20AQG Datasheet HTML 9Page - ON Semiconductor LE25U20AQG Datasheet HTML 10Page - ON Semiconductor LE25U20AQG Datasheet HTML 11Page - ON Semiconductor LE25U20AQG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LE25U20AQG
www.onsemi.jp
8
2-2. Status Register Write
The information in status registers BP0, BP1, and SRWP can be rewritten using the status register write command.
RDY, WEN, bit 4, bit 5, and bit 6 are read-only bits and cannot be rewritten. The information in bits BP0, BP1, and
SRWP is stored in the non-volatile memory, and when it is written in these bits, the contents are retained even at power-
down. "Figure 7 Status Register Write" shows the timing waveforms of status register write, and Figure 20 shows a
status register write flowchart. Consisting of the first and second bus cycles, the status register write command initiates
the internal write operation at the rising CS edge after the data has been input following (01h). Erase and program are
performed automatically inside the device by status register write so that erasing or other processing is unnecessary
before executing the command. By the operation of this command, the information in bits BP0, BP1, and SRWP can be
rewritten. Since bits RDY (bit 0), WEN (bit 1), bit 4, bit 5, and bit 6 of the status register cannot be written, no problem
will arise if an attempt is made to set them to any value when rewriting the status register. Status register write ends can
be detected by RDY of status register read. Information in the status registers can be rewritten 1,000 times (min.). To
initiate status register write, the logic level of the WP pin must be set high and status register WEN must be set to "1".
Figure 7 Status Register Write
2-3. Contents of Each Status Register
RDY (bit 0)
The RDY register is for detecting the write (program, erase and status register write) end. When it is "1", the device is
in a busy state, and when it is "0", it means that write is completed.
tSRW
Self-timed
Write Cycle
SCK
SI
High Impedance
SO
CS
DATA
01h
15
0 1 2 3 4 5 6 7 8
Mode3
Mode0
8CLK
WP
tWPH
tWPS


Similar Part No. - LE25U20AQG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
6Mb / 18P
   RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
More results

Similar Description - LE25U20AQG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com