Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25S161 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LE25S161
Description  Serial Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 7Page - ON Semiconductor LE25S161 Datasheet HTML 8Page - ON Semiconductor LE25S161 Datasheet HTML 9Page - ON Semiconductor LE25S161 Datasheet HTML 10Page - ON Semiconductor LE25S161 Datasheet HTML 11Page - ON Semiconductor LE25S161 Datasheet HTML 12Page - ON Semiconductor LE25S161 Datasheet HTML 13Page - ON Semiconductor LE25S161 Datasheet HTML 14Page - ON Semiconductor LE25S161 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LE25S161
www.onsemi.com
11
Table 1-1. Command Settings (Standard SPI) --- Max: 70MHz (except RDLP)
Command
Description
(clock number)
1st byte
(0 - 7)
2nd byte
(8 - 15)
3rd byte
(16- 23)
4th byte
(24 - 31)
5th byte
(32 - 39)
6th byte
(40 - 47)
Nth byte
(8N-8 to 8N-1)
WREN
Write enable
06h
WRDI
Write disable
04h
RDSR
Read Status Register
05h
WRSR
Write Status Register
01h
DATA
RDLP
Low -Power Read
(Max: 33.33MHz)
03h
A23-A16
A15-A8
A7-A0
RD
(5)
RD
(5)
RD
(5)
RDHS
High-Speed Read
0Bh
A23-A16
A15-A8
A7-A0
X
RD
(5)
RD
(5)
SSE
Small Sector Erase (4KB)
20h / D7h
A23-A16
A15-A8
A7-A0
SE
Sector Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
CHE
Chip Erase (16M bits)
60h / C7h
PP
Normal Page Program
02h
A23-A16
A15-A8
A7-A0
PD
(7)
PD
(7)
PD
(7)
PPL
Low-Power Page Program
0Ah
WSUS
Write Suspend
B0h
RESM
Resume
30h
RJID
Read JEDEC ID
9Fh
Manufacture
(62h)
Memory
Ty pe (16h)
Capacity
(15h)
RID
Read Dev ice ID
(Exit power down mode)
ABh
X
X
X
Dev ice ID
(88h)
RSFDP
Read SFDP
5Ah
A23-A16
A15-A8
A7-A0
X
RD
(5)
RD
(5)
DP
Deep Power down
B9h
EDP
Exit Deep
Power down
ABh
RSTEN
Reset Enable
66h
RST
Reset
99h
Table 1-2. Command Settings (Dual SPI) --- Max: 50MHz
Command
Description
(clock number)
1st byte
(0 - 7)
2nd byte
(8 - 15)
3rd byte
(16- 23)
4th byte
(24 - 31)
5th byte
(32 - 39)
6th byte
(40 - 47)
Nth byte
(8N-8 to 8N-1)
RDDO
Dual Output Read
3Bh
A23-A16
A15-A8
A7-A0
Z
RDD
(6)
RDD
(6)
RDIO
Dual I/O Read
BBh
A23-A8
(8)
A7-A0
(8),
X, Z
RDD
(6)
RDD
(6)
RDD
(6)
RDD
(6)
Note:
1. "X" signifies "don’t care" (that is to say, any value may be input).
2. "Z" signifies "high-impedance".
3. The "h" follow ing each code indicates that the number given is in hexadecimal notation.
4. Addresses A23 to A21 for all commands are "Don't care".
5. "RD"
Read data on SO.
6. "RDD" Dual Read data:
SIO0=(Bit6, Bit4, Bit2, Bit0)
SIO1=(Bit7, Bit5, Bit3, Bit1)
7. "PD"
Page Program data on SO.
8. Dual SPI address input fromSIO0 and SIO1:
SIO0=(A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0)
SIO1=(A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1)


Similar Part No. - LE25S161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S161 ONSEMI-LE25S161 Datasheet
783Kb / 54P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S161FDTWG ONSEMI-LE25S161FDTWG Datasheet
783Kb / 54P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S161MDTWG ONSEMI-LE25S161MDTWG Datasheet
783Kb / 54P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S161PCTXG ONSEMI-LE25S161PCTXG Datasheet
783Kb / 54P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S161XATAG ONSEMI-LE25S161XATAG Datasheet
783Kb / 54P
   Serial Flash Memory
February 2016 - Rev. 1
More results

Similar Description - LE25S161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com