Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR60C-24250AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEPR60C-24250AZ
Description  Over Temperature Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-24250AZ Datasheet(HTML) 2 Page - AIMTEC

  AMEPR60C-24250AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
2 of 14
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy (CC Mode)
±3
%
Voltage accuracy (CV Mode)
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise
20MHz Bandwidth
75
mV p-p
Hold-up time
90
ms
Current adjustment range
100-10
%
Minimum Load Voltage
See the models table
Tested with 0.1µF (C/C) or (M/C) and 47µF (E/C) parallel capacitors at the end.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec/3.5mA
3000
VAC
Isolation Resistance
500VDC
>1000
MΩ
Isolation Capacitance
1000
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
130
KHz
Over current protection
AMEPR60C-50120AZ
1.27
A
AMEPR60C-36170AZ
1.77
AMEPR60C-24250AZ
2.55
AMEPR60C-12500AZ
5.2
Over voltage protection
Refer to Constant Current vs. Constant Voltage Mode curve
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
With derating over 55°C
-40 to +85
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Plastic
Potting
Epoxy (IP67 rated)
Wires
UL1015 18AWG *20CM
Weight
530
g
Dimensions (L X H X W)
5.30 x 2.27 x 1.59 inches
134.80 x 57.68 x 40.50 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Agency approvals
cULus, CE
Standards
UL8750, UL60950-1, EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
Information Technology Equipment
EN55022 Class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class C
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 1
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Similar Part No. - AMEPR60C-24250AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR60C-24250AZ

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1189 SKYWORKS-AAT1189 Datasheet
3Mb / 19P
   Over-Temperature Protection
AAT1401 SKYWORKS-AAT1401 Datasheet
2Mb / 19P
   Over Temperature Protection
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ Datasheet
853Kb / 17P
   Over Temperature Protection
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ Datasheet
760Kb / 17P
   Over temperature protection
logo
PEAK electronics GmbH
PPM1.65-SIP-3R3ELF PEAK-PPM1.65-SIP-3R3ELF Datasheet
457Kb / 3P
   Over Temperature Protection
logo
AIMTEC
AMEOR30-AZ AIMTEC-AMEOR30-AZ Datasheet
762Kb / 15P
   Over Temperature Protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Vishay Siliconix
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
   Mini Chips for Over-Temperature Protection
Revision: 08-Dec-15
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com