Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK730FC Datasheet(PDF) 4 Page - AUK corp

Part # STK730FC
Description  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK730FC Datasheet(HTML) 4 Page - AUK corp

  STK730FC Datasheet HTML 1Page - AUK corp STK730FC Datasheet HTML 2Page - AUK corp STK730FC Datasheet HTML 3Page - AUK corp STK730FC Datasheet HTML 4Page - AUK corp STK730FC Datasheet HTML 5Page - AUK corp STK730FC Datasheet HTML 6Page - AUK corp STK730FC Datasheet HTML 7Page - AUK corp STK730FC Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KST-H014-000
4
STK730FC
=
N o t e :
1 . 2 5 0 u s P u l s e
Test
2 . T
C =
2 5
C
V G S
T o p :
1 5 V
1 0 V
8 V
7 V
6 V
5 . 5 V
5 V
B u t t o m : 4 . 5 V
Fig. 2 ID - VGS
Fig. 1 ID - VDS
Fig. 4 IDR - VSD
Fig. 3 RDS(on) - ID
Fig. 6 VGS - QG
Fig. 5 Capacitance - VDS
Electrical Characteristic Curves


Similar Part No. - STK730FC

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730F AUK-STK730F Datasheet
479Kb / 8P
   Advanced Power MOSFET
logo
KODENSHI_AUK CORP.
STK730F KODENSHI-STK730F Datasheet
410Kb / 8P
   Power MOSFET
More results

Similar Description - STK730FC

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com