Electronic Components Datasheet Search |
|
AMEOR60C-50120AZ Datasheet(PDF) 2 Page - AIMTEC |
|
AMEOR60C-50120AZ Datasheet(HTML) 2 Page - AIMTEC |
2 / 14 page Series AMEOR60C-AZ up to 5A | AC-DC / DC-DC LED driver www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052.1e R3.D 2 of 14 North America only Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60 sec/3.5mA 3000 VAC Isolation Resistance >1000 MΩ General Specifications Parameters Conditions Typical Maximum Units Switching frequency 130 KHz Over current protection AMEOR60C-50120AZ 1.27 A AMEOR60C-36170AZ 1.77 AMEOR60C-24250AZ 2.55 AMEOR60C-12500AZ 5.2 Over voltage protection Refer to Constant Current vs. Constant Voltage Mode curve Short circuit protection Continuous Short circuit restart Auto recovery Over temperature protection >105°C Operating temperature With derating over 60°C -40 to +80 oC Maximum case temperature 100 oC Storage temperature -40 to +95 oC Temperature coefficient ±0.02 % / oC Cooling Free air convection Humidity 95 % RH Wires UL1015 18AWG * 20CM Weight 220 g Dimensions (L X H X W) 5.83 x 1.97 x 1.3 inches 148 x 50 x 33 mm MTBF >400,000 hrs (MIL-HDBK-217F at +25°C) Environment Approval Test Parameters Conditions Shock Wave form Half sine wave Acceleration amplitude 5gn Bump duration 30 ms Converter operation Before and after test, body mounted (on chassis) Number of bumps 18 (3 in each direction for every axis) Vibration Test mode Sweep sine, 10-100Hz, speed 0.05Hz/s Displacement 1 mm Acceleration 3g, 3 loops 30min one cycle, 3h total, every axis tested Converter operation Before and after test, body mounted (on chassis) Safety Specifications Parameters Agency approvals cULus, CE Standards UL8750, UL60950-1, EN55022, class B Information Technology Equipment EN55022 Class B Harmonic Current Emissions IEC/EN 61000-3-2, Class C Voltage fluctuations and flicker IEC/EN 61000-3-3, (EN60555-3) Electrostatic Discharge Immunity IEC 61000-4-2 Level 3 RF, Electromagnetic Field Immunity IEC 61000-4-3 Level 2 Electrical Fast Transient / Burst Immunity IEC 61000-4-4 Level 2 Surge Immunity IEC 61000-4-5 Level 3 RF, Conducted Disturbance Immunity IEC 61000-4-6 Level 2 Power frequency Magnetic Field Immunity IEC 61000-4-8 Level 1 Voltage dips, Short Interruptions Immunity IEC 61000-4-11 |
Similar Part No. - AMEOR60C-50120AZ |
|
Similar Description - AMEOR60C-50120AZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |