Electronic Components Datasheet Search |
|
AMEL5-15SCJZ Datasheet(PDF) 1 Page - AIMTEC |
|
AMEL5-15SCJZ Datasheet(HTML) 1 Page - AIMTEC |
1 / 3 page Series AMEL5-CJZ 5 Watt | AC-DC / DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052e R8 1 of 3 North America only Picture coming soon FEATURES: Models Single output Model Input Voltage (VAC/Hz) Input Voltage (VDC) Output Voltage (V) Output Current max (A) Maximum capacitive Load (µF) Efficiency (%) 230 VAC AMEL5-3.3SCJZ 85-264/47-63 100-370 3.3 1.25 4000 74 AMEL5-5SCJZ 85-264/47-63 100-370 5 1 4000 78 AMEL5-12SCJZ 85-264/47-63 100-370 12 0.42 820 80 AMEL5-15SCJZ 85-264/47-63 100-370 15 0.333 820 82 AMEL5-24SCJZ 85-264/47-63 100-370 24 0.23 330 83 Input Specifications Parameters Conditions Typical Maximum Units Current (full load) 115 VAC 150 mA 230 VAC 70 mA Inrush current <2ms (cold start) 115 VAC 10 A 230 VAC 20 A Leakage current 0.2 mA External fuse Recommended slow blow type 1.5 A Input Dissipation (No Load) No load (110/230VAC) 0.3 W Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy 3.3V output Others ±3 ±2 % Line regulation ±0.5 % Load regulation 10-100% load ±1 % Ripple & Noise * 20MHz Bandwidth, 3.3 / 5V models 20MHz Bandwidth, others 60 50 120 100 mV p-p Hold-up time (minimum) 115VAC 230VAC 12 80 ms *Ripple and Noise are measured at 20MHz bandwidth by using the referenced Application circuit. Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60 sec 4000 VAC Isolation Resistance >1000 MΩ General Specifications Parameters Conditions Typical Maximum Units Switching frequency 140 KHz Protection class Class II Over Current protection Auto recovery ≥110 % of Iout Over voltage protection Zener diode clamp Short circuit protection Continuous, hiccup, Auto recovery Operating temperature See derating curve -25 to 70°C °C Storage temperature -25 to +105 °C • I/O Isolation 4000VAC • High efficiency up to 83% • Operating Temp: -25 °C to +70 °C • No load consumption ≤ 0.3W • Input: 85-264VAC, 47-63Hz, or 100-370VDC • Ultra small package • Over current, Over Voltage Protection • Short Circuit Protection Click on Series name for product info on aimtec.com |
Similar Part No. - AMEL5-15SCJZ |
|
Similar Description - AMEL5-15SCJZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |