Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME3-9SCJZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME3-9SCJZ
Description  Input: 85-264VAC, 47-63Hz, or 100-370 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME3-9SCJZ Datasheet(HTML) 2 Page - AIMTEC

  AME3-9SCJZ Datasheet HTML 1Page - AIMTEC AME3-9SCJZ Datasheet HTML 2Page - AIMTEC AME3-9SCJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME3-CJZ
3 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
2 of 3
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Weight
25
g
Cooling
Free air convection
Dimensions (L x W x H)
1.46 x 0.96 x 0.71 (37.00 x 24.50 x 18.00mm)
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Safety Specifications
Parameters
Approvals
cULus, CE pending
Standards
Information technology Equipment
Meets IEC/EN/UL 60950-1
EMI - Conducted and radiated emission
EN55022, class A
Electrostatic Discharge Immunity
IEC 61000-4-2, Contact:±6KV/Air:±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3, 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4, ±2KV, Criteria B, with application circuit
Surge Immunity(1KV)
IEC 61000-4-5, ±1KV/±2KV, Criteria B, with application circuit
RF, Conducted Disturbance Immunity
IEC 61000-4-6, 10Vrms, Criteria A
Power frequency Magnetic Field Immunity
IEC 61000-4-8, 10A/m, Criteria A
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11, 0-70%, Criteria B
Pin Out Specifications
Dimensions
Pin
Single
1
AC Input (L)
3
AC Input (N)
13
NC
14
-V Output
16
+V Output
30.48
(1.20)
5.08
(0.20)
Printed Face
0.60
(0.02)
37.00
(1.46)
All dimensions are typical: millimeters (inches)
Pin Diameter: 0.60 ± 0.10 (0.02 ± 0.004)
Pin Pitch Tolerance: ± 0.35 (±0.014)
Case Tolerance: ± 0.5 (±0.02)
Bottom View
1
3
13
14
16


Similar Part No. - AME3-9SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-9SBJZ AIMTEC-AME3-9SBJZ Datasheet
671Kb / 4P
   AC-DC / DC-DC Converter
More results

Similar Description - AME3-9SCJZ

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
   Universal input: 85 to 264VAC
logo
Wall Industries,Inc.
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME20 WALL-PSME20 Datasheet
184Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Arch Electronics Corp.
AHC-E1_SERIES ARCH-AHC-E1_SERIES Datasheet
490Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
AFC20_SERIES ARCH-AFC20_SERIES Datasheet
520Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com