Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM8TW-4812SIZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM8TW-4812SIZ
Description  Input/Output Isolation voltage 1500VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-4812SIZ Datasheet(HTML) 4 Page - AIMTEC

  AM8TW-4812SIZ Datasheet HTML 1Page - AIMTEC AM8TW-4812SIZ Datasheet HTML 2Page - AIMTEC AM8TW-4812SIZ Datasheet HTML 3Page - AIMTEC AM8TW-4812SIZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM8TW-IZ
8 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
4 of 4
North America only
Recommended EFT/Surge Protection circuit:
C1
330µF/
100V
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM8TW-4812SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-4812SIZ AIMTEC-AM8TW-4812SIZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-4812SIZ AIMTEC-AM8TW-4812SIZ Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8TW-4812SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
   High input-output isolation voltage
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
   High isolation voltage between input and output
logo
E&E Magnetic Products L...
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com