Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6TW-4812S-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM6TW-4812S-NZ
Description  Very low no load power consumption of 0.12W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-4812S-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM6TW-4812S-NZ Datasheet HTML 1Page - AIMTEC AM6TW-4812S-NZ Datasheet HTML 2Page - AIMTEC AM6TW-4812S-NZ Datasheet HTML 3Page - AIMTEC AM6TW-4812S-NZ Datasheet HTML 4Page - AIMTEC AM6TW-4812S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM6TW-NZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.A
3 of 5
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
300
KHz
Operating temperature
Derating above +71
-40 to +85
°C
Storage temperature
-55 to +125
°C
Max Case temperature
100
°C
Cooling
Free air convection
Humidity
95
% RH
Soldering Temperature
1.5mm from lead for 10 sec.
300
°C
Case material
1500VDC Isolated models
3000 & 6000VDC Isolated models
Aluminum Alloy
Black flame-retardant heat-proof plastic
Weight
1500VDC Isolated models
3000 & 6000VDC Isolated models
14
13
g
Dimensions (L x W x H)
1500VDC Isolated models
3000 & 6000VDC Isolated models
1.26 x 0.79 x 0.42 inches
32 x 20.00 x 10.80 mm
1.24 x 0.80 x 0.40 in
31.60 x 20.30 x 10.20 mm
MTBF
>1 000 000hrs(MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Environment Specifications
Test
Parameters
Conditions
Vibration
Test mode
10-55Hz, speed 0.05Hz/s
Acceleration
10g, 30min, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Standards
EN55022, class A, (see the recommended EMC circuits)
IEC61000-4-2 (ESD, contact ±4KV) Criteria B
IEC61000-4-3 (Radiated immunity, 10V/m) Criteria A
IEC61000-4-4 (EFT, ±2KV) Criteria B, (see the recommended EMC circuits)
IEC61000-4-5(Surge, ±2KV) Criteria B, (see the recommended EMC circuits)
IEC61000-4-6(CS, 3Vrms) Criteria A
IEC61000-4-29(IVDDSI, 0-70%) Criteria B
Pin Out Specifications
Dimensions
1500VDC Isolated models
Pin
1500VDC & 3000VDC
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
No pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
22.90
(0.90)
2.54
(0.10)
5.08
(0.20)
Printed Face
Built-in Stand-offs to
ease PCB cleaning
0.50
(0.02)
32.00
(1.26)
Bottom View
2
3
9
11
14
16
22
23
All dimensions are typical: millimeters (inches)
Pin Diameter: 0.50 ± 0.05 (0.02 ± 0.002)
Pin Pitch Tolerance: ± 0.35 (±0.014)
Case Tolerence: ± 0.5 (±0.02)


Similar Part No. - AM6TW-4812S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-4812S-N AIMTEC-AM6TW-4812S-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results

Similar Description - AM6TW-4812S-NZ

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
   Low No Load Power Consumption
logo
AIMTEC
AMSRI-78-NZ AIMTEC-AMSRI-78-NZ Datasheet
121Kb / 4P
   Ultra-low no load power consumption
logo
Total Power Internation...
TPEMP250G TOTAL-POWER-TPEMP250G Datasheet
118Kb / 2P
   NO LOAD POWER CONSUMPTION <0.5W
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
Recom International Pow...
RAC20-N RECOM-RAC20-N Datasheet
892Kb / 4P
   0.25W max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
   30mW max. No Load Power Consumption
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
   50mW max. No Load Power Consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com