Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2DS-1212S-NZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM2DS-1212S-NZ
Description  Pin compatible with multiple manufacturers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-1212S-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM2DS-1212S-NZ Datasheet HTML 1Page - AIMTEC AM2DS-1212S-NZ Datasheet HTML 2Page - AIMTEC AM2DS-1212S-NZ Datasheet HTML 3Page - AIMTEC AM2DS-1212S-NZ Datasheet HTML 4Page - AIMTEC AM2DS-1212S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM2DS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
4 of 5
North America only
Typical characteristics
Test Circuit Input Reflected Ripple Current& EMI Recommended Circuit
Recommended Circuits to Lower Ripple & Noise
Capacitor selection Table
Vin
C1
Single
VDC
C2
Dual
VDC
C2/C3
5
4.7 µF
3.3 /
5V
10µF
±3.3 /
±5V
4.7 µF
12
2.2µF
12 V
2.2µF
±12 V
1 µF
15
2.2µF
15 V
1µF
±15 V
0.47 µF
24
1µF
24 V
1 µF
±24 V
0.47 µF
Vin+
Vin-
Vin+
Vin-
Vo+
Vo-
Vo+
Vo-
Com
Single
Dual
C1
C1
C2
C2
C3
1) Ensure output load of Min 10%, or specifications may not be met 
2) Under normal operation, there is no protection for overload 
condition 
3) Converter may exhibit start up delay if capacitive load exceeds 
recommended 
4) Ceramic or electrolytic type capacitors are recommended, 
tantalum type may damage converter 
5) Parallel connections, or hot swapping is not recommended 


Similar Part No. - AM2DS-1212S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2DS-1212S-NZ AIMTEC-AM2DS-1212S-NZ Datasheet
193Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2DS-1212S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LTC4245 LINER-LTC4245 Datasheet
431Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
LTC4245 LINER-LTC4245_15 Datasheet
437Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com