Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1LR-0505S-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1LR-0505S-NZ
Description  Continuous short circuit protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LR-0505S-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM1LR-0505S-NZ Datasheet HTML 1Page - AIMTEC AM1LR-0505S-NZ Datasheet HTML 2Page - AIMTEC AM1LR-0505S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM1LR-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
2 of 3
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
100% load (see tolerance chart)
±3
%
Short Circuit Protection
Continuous
Short Circuit Restart
Auto-Recovery
Line Voltage Regulation
For ±1% of Vin
±0.25
% of Vin
Load Voltage Regulation
(10% - 100% Load) 3.3V
(10% - 100% Load) Other outputs
±3
±2
%
Temperature Coefficient
100% load
±0.03
%/
oC
Ripple & Noise
50
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
300
KHz
Operating temperature
With derating above +71
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum Case temperature
95
oC
Cooling
Free air convection
Storage Humidity
Non Condensing
95
% RH
Case material
Epoxy resin (UL94-V0)
Weight
2
g
Dimensions (L x W x H)
0.60 x 0.44 x 0.28inches 15.24 x 11.20 x 7.25mm
MTBF
>3,500,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)hours
Maximum soldering temperature
1.5mm from case for 10 sec
300
oC
Maximum case temperature
130
oC
Pin Out Specifications
Dimensions
All dimensions are in mm (inch)
All Pins are on a 2.54mm (0.10inch) pitch
with tolerance of ±0.25mm (0.01inch)
Pin
Dual Output
Models
1
-V Input
2
+V Input
3
No Pin
4
-V Output
5
-V Output
6
No Pin
7
+V Output
8
No Pin
9
No Pin
10
N.C.
8.40
(0.33)
7.62
(0.30)
Top View
Front View
Side View
1.50
(0.06)
15.2
(0.60)
0.50
(0.02)
2.54
(0.10)
1
7.62
(0.30)
11.20
(0.44)
0.25
(0.01)
0º~5º angle
7.00
(0.28)


Similar Part No. - AM1LR-0505S-NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0303D-N ETC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
List of Unclassifed Man...
AM1L-0303DH30-N ETC-AM1L-0303DH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Similar Description - AM1LR-0505S-NZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com