Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-890N-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # STK433-890N-E
Description  4ch class-AB Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-890N-E Datasheet(HTML) 2 Page - ON Semiconductor

  STK433-890N-E Datasheet HTML 1Page - ON Semiconductor STK433-890N-E Datasheet HTML 2Page - ON Semiconductor STK433-890N-E Datasheet HTML 3Page - ON Semiconductor STK433-890N-E Datasheet HTML 4Page - ON Semiconductor STK433-890N-E Datasheet HTML 5Page - ON Semiconductor STK433-890N-E Datasheet HTML 6Page - ON Semiconductor STK433-890N-E Datasheet HTML 7Page - ON Semiconductor STK433-890N-E Datasheet HTML 8Page - ON Semiconductor STK433-890N-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STK433-890N-E
No.A2109-2/12
Operating Characteristics at Tc = 25
C, RL = 6 (Non-inductive Load), Rg = 600, VG = 30dB
Parameter
Symbol
Conditions *2
Ratings
Unit
VCC
[V]
f
[Hz]
PO
[W]
THD
[%]
min
typ
max
Output power
*1
PO 1
±34
20 to 20k
0.6
47
50
W
PO 2
±34
1k
10
80
Total harmonic distortion
*1
THD 1
±34
20 to 20k
5.0
VG=30dB
0.6
%
THD 2
±34
1k
0.02
Frequency characteristics
*1
fL, fH
±34
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
±34
1k
1.0
55
k
Output noise voltage
*3
VNO
±40
Rg=2.2k
1.0
mVrms
Quiescent current
ICCO
±40
No load
90
150
210
mA
Quiescent current at stand-by
ICST
±40
VST=0V
1.0
mA
Neutral voltage
VN
±40
-70
0
+70
mV
#13 Stand-by ON threshold
*5
VST ON
±34
Stand-by
0
0.6
V
#13 Stand-by OFF threshold *5
VST OFF
±34
Operation
2.5
3.0
5.5
V
Note
*1. 1channel operation.
*2. All tests are measured using a constant-voltage supply unless otherwise specified
*3. The output noise voltage is peak value of an average-reading meter with a rms value scale (VTVM).
A regulated AC supply (50Hz) should be used to eliminate the effects of AC primary line flicker noise
*4. Allowable time for load short-circuit and output noise voltage are measured using the specified transformer power
supply.
*5. The impression voltage of ‘#13 (Stand-By) pin’ must not exceed the maximum rating.
Power amplifier operate by impressing voltage +2.5 to +5.5V to ‘#13 (Stand-By) pin’.
* Please connect - PreVCC pin (#1 pin) with the stable minimum voltage.
and connect so that current does not flow in by reverse bias.
* In case of heat sink design, we request customer to design in the condition to have assumed market.
* The case of this Hybrid-IC is using thermosetting silicon adhesive (TSE322SX).
* Weight of HIC : (typ) 37.0g
Outer carton dimensions (W×L×H) : 452mm×325mm×192mm
Specified transformer power supply
(Equivalent to MG-200)
+
+
10000
F
10000
F
500
500
DBA40C
+VCC
-VCC


Similar Part No. - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
More results

Similar Description - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com