Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1439-TL-W Datasheet(PDF) 1 Page - ON Semiconductor

Part # SCH1439-TL-W
Description  Single N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCH1439-TL-W Datasheet(HTML) 1 Page - ON Semiconductor

  SCH1439-TL-W Datasheet HTML 1Page - ON Semiconductor SCH1439-TL-W Datasheet HTML 2Page - ON Semiconductor SCH1439-TL-W Datasheet HTML 3Page - ON Semiconductor SCH1439-TL-W Datasheet HTML 4Page - ON Semiconductor SCH1439-TL-W Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Publication Order Number :
SCH1439/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
September 2015 - Rev. 2
SCH1439
This
low-profile
high-power
MOSFET
is
produced
using
ON
Semiconductor’s trench technology, which is specifically designed to
minimize gate charge and ultra low on resistance. This device is suitable for
applications with low gate charge driving or ultra low on resistance
requirements.
Features
 Low On-Resistance
 4V drive
 ESD Diode-Protected Gate
 Pb-Free, Halogen Free and RoHS compliance
 Ultra small package SCH6 (1.6mm×1.6mm×0.56mmt)
Typical Applications
 Load Switch
 Battery Switch
SPECIFICATIONS
ABSOLUTE MAXIMUM RATING at Ta = 25
C (Note 1)
Parameter
Symbol
Value
Unit
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
20
V
Drain Current (DC)
ID
3.5
A
Drain Current (Pulse)
PW
 10s, duty cycle  1%
IDP
14
A
Power Dissipation
When mounted on ceramic substrate
(900mm
2  0.8mm)
PD
1
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction to Ambient
RJA
125
C/W
When mounted on ceramic substrate
(900mm
2  0.8mm)
Power MOSFET
30V, 72mΩ, 3.5A, Single N-Channel
VDSS
RDS(on) Max
ID Max
30V
72mΩ@ 10V
3.5A
110mΩ@ 4.5V
128mΩ@ 4V
ELECTRICAL CONNECTION
N-Channel
PACKING TYPE : TL
MARKING
ORDERING INFORMATION
See detailed ordering and shipping
information on page 5 of this data sheet.
TL
3
4
1, 2, 5, 6
1: Drain
2: Drain
3: Gate
4: Source
5: Drain
6: Drain
ZQ


Similar Part No. - SCH1439-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1439 SANYO-SCH1439 Datasheet
80Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - SCH1439-TL-W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com