Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD123SF Datasheet(PDF) 2 Page - AUK corp

Part # STD123SF
Description  NPN Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STD123SF Datasheet(HTML) 2 Page - AUK corp

  STD123SF Datasheet HTML 1Page - AUK corp STD123SF Datasheet HTML 2Page - AUK corp STD123SF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2095-001
2
STD123SF
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
20
V
Collector-Emitter voltage
VCEO
15
V
Emitter-Base voltage
VEBO
6.5
V
Collector current
IC
1A
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.1mm
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=50µA, IE=0
20
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=1mA, IB=0
15
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=50µA, IC=0
6.5
-
-
V
Collector cut-off current
I
CBO
V
CB=20V, IE=0
-
-
0.1
µA
Emitter cut-off current
I
EBO
V
EB=6V, IC=0
-
-
0.1
µA
DC current gain
h
FE
V
CE=1V, IC=100mA
150
-
-
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=500mA, IB=50mA
-
0.1
0.3
V
Transistor frequency
f
T
V
CE=5V, IC=50mA
-
260
-
MHz
Collector output capacitance
C
ob
V
CB=10V, IE=0, f=1MHz
-
5
-
pF
On resistance
R
ON
f=1KHz, I
B=1mA, VIN=0.3V
-
0.6
-


Similar Part No. - STD123SF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STD123SF KODENSHI-STD123SF Datasheet
207Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - STD123SF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com