Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX8052F143-1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX8052F143-1
Description  SoC Ultra-Low Power RF-Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F143-1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX8052F143-1 Datasheet HTML 5Page - ON Semiconductor AX8052F143-1 Datasheet HTML 6Page - ON Semiconductor AX8052F143-1 Datasheet HTML 7Page - ON Semiconductor AX8052F143-1 Datasheet HTML 8Page - ON Semiconductor AX8052F143-1 Datasheet HTML 9Page - ON Semiconductor AX8052F143-1 Datasheet HTML 10Page - ON Semiconductor AX8052F143-1 Datasheet HTML 11Page - ON Semiconductor AX8052F143-1 Datasheet HTML 12Page - ON Semiconductor AX8052F143-1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AX8052F143
www.onsemi.com
9
Table 6. LOGIC
Symbol
Description
Condition
Min
Typ
Max
Units
Digital Inputs
VT+
Schmitt trigger low to high threshold point
VDD_IO = 3.3 V
1.55
V
VT−
Schmitt trigger high to low threshold point
1.25
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
VIPA
Input voltage range, Port A
−0.5
VDD_IO
V
VIPBC
Input voltage range, Ports B, C
−0.5
5.5
V
IL
Input leakage current
−10
10
mA
RPU
Programmable Pull−Up Resistance
65
kW
Digital Outputs
IOH
Output Current, high
Ports PA, PB and PC
VOH = 2.4 V
8
mA
IOL
Output Current, low
Ports PA, PB and PC
VOL = 0.4 V
8
mA
IOH
Output Current, high
Pin SYSCLK
VOH = 2.4 V
4
mA
IOL
Output Current, low
Pin SYSCLK
VOL = 0.4 V
4
mA
IOZ
Tri−state output leakage current
−10
10
mA
AC Characteristics
Table 7. CRYSTAL OSCILLATOR (RF REFERENCE OSCILLATOR)
Symbol
Description
Condition
Min
Typ
Max
Units
fXTAL
Crystal or frequency
Note 1, 2, 3
10
16
50
MHz
gmosc
Oscillator transconductance range
Self−regulated see note 4
0.2
20
mS
Cosc
Programmable tuning capacitors at pins
CLK16N and CLK16P
AX5043_XTALCAP = 0x00
default
3
pF
AX5043_XTALCAP = 0x01
8.5
pF
AX5043_XTALCAP = 0xFF
40
pF
Cosc−lsb
Programmable tuning capacitors,
increment per LSB of AX5043_XTALCAP
AX5043_XTALCAP = 0x01
– 0xFF
0.5
pF
fext
External clock input (TCXO)
Note 2, 3, 5
10
16
50
MHz
RINosc
Input DC impedance
10
kW
NDIVSYSCLK
Divider ratio fSYSCLK = FXTAL/ NDIVSYSCLK
20
24
210
1. Tolerances and start−up times depend on the crystal used. Depending on the RF frequency and channel spacing the IC must be calibrated
to the exact crystal frequency using the readings of the register AX5043_TRKFREQ.
2. The choice of crystal oscillator or TCXO frequency depends on the targeted regulatory regime for TX, see separate documentation on
meeting regulatory requirements.
3. To avoid spurious emission, the crystal or TCXO reference frequency should be chosen so that the RF carrier frequency is not an integer
multiple of the crystal or TCXO frequency.
4. The oscillator transconductance is regulated for fastest start−up time during start−up and for lowest power curing steady state oscillation.
This means that values depend on the crystal used.
5. If an external clock or TCXO is used, it should be input via an AC coupling at pin CLK16P with the oscillator powered up and
AX5043_XTALCAP = 000000. For detailed TCXO network recommendations depending on the TCXO output swing refer to the AX5043
Application Note: Use with a TCXO Reference Clock.


Similar Part No. - AX8052F143-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F143-2 ONSEMI-AX8052F143-2 Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F143-2 ONSEMI-AX8052F143-2 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F143-3 ONSEMI-AX8052F143-3 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
More results

Similar Description - AX8052F143-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F151 ONSEMI-AX8052F151 Datasheet
545Kb / 51P
   SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F131 ONSEMI-AX8052F131 Datasheet
781Kb / 46P
   SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F131 ONSEMI-AX8052F131_17 Datasheet
338Kb / 30P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F131 ONSEMI-AX8052F131_16 Datasheet
312Kb / 29P
   SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F151 ONSEMI-AX8052F151_16 Datasheet
331Kb / 34P
   SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F143 ONSEMI-AX8052F143_17 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AXM0F243 ONSEMI-AXM0F243 Datasheet
544Kb / 53P
   SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
March, 2020 ??Rev. 2
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
logo
Renesas Technology Corp
DA16200 RENESAS-DA16200 Datasheet
3Mb / 154P
   Ultra Low Power Wi-Fi SoC
04-Jan-2023
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com