Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EU1010 Datasheet(PDF) 5 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 5 Page - Eorex Corporation

  EU1010_15 Datasheet HTML 1Page - Eorex Corporation EU1010_15 Datasheet HTML 2Page - Eorex Corporation EU1010_15 Datasheet HTML 3Page - Eorex Corporation EU1010_15 Datasheet HTML 4Page - Eorex Corporation EU1010_15 Datasheet HTML 5Page - Eorex Corporation EU1010_15 Datasheet HTML 6Page - Eorex Corporation EU1010_15 Datasheet HTML 7Page - Eorex Corporation EU1010_15 Datasheet HTML 8Page - Eorex Corporation EU1010_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
EU1010
Nov.2010
www.eorex.com
5/22
Special Function Register (SFR)
Special function register area is during the addresses from $00H to $22H. These special function
registers control all I/O and timer function setting. Some of memory addresses are not defined and
un-used. It is unnecessary for the users to read or write data from these undefined areas. User should
follow the default value or do not access these undefined area. All its functions are listed in next
sections.
Interrupt and Timers
The EU1010 builds in 8 interrupt sources: Real Time Clock interrupt, Time Base interrupt, PB input ports
falling edge interrupt, Timer0 underflow interrupt, Timer1 underflow interrupt, A/D converter interrupt and
RESET interrupt. By setting control register INTEN (00H) that can enable or disable corresponding
interrupt sources. Interrupt source, interrupt vector address mapping and its priority are shown in the
following table.
Address
Interrupt Source
Priority
2FFF0H/2FF1H
ADC interrupt
7
2FF2H/2FF3H
Timer1 interrupt
6
2FF4H/2FF5H
Timer0 interrupt
5
2FF6H/2FF7H
PB port interrupt
4
2FF8H/2FF9H
Time base interrupt
3
2FFAH/2FFBH
RTC interrupt
2
2FFCH/2FFDH
Reset
1
2FFEH/2FFFH
Reserved
0
Address 00H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NAME INTEN
ADINT
#
#
T1INT
T0INT
PBINT
TBINT
RTCINT
Read or Write
R/W
#
#
R/W
R/W
R/W
R/W
R/W
Default Value
0
#
#
0
0
0
0
0


Similar Part No. - EU1010_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010-XX-SUR EOREX-EU1010-XX-SUR Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUR EOREX-EU1010-XX-SUR Datasheet
511Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUT EOREX-EU1010-XX-SUT Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUT EOREX-EU1010-XX-SUT Datasheet
511Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010-XX-SUU EOREX-EU1010-XX-SUU Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
More results

Similar Description - EU1010_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010_09 Datasheet
511Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
   8-bit MCU with 10-bit A/D Converter
logo
Fujitsu Component Limit...
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
   8 CH 10 BIT A/D CONVERTER
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com