Electronic Components Datasheet Search |
|
EP3101 Datasheet(PDF) 3 Page - Eorex Corporation |
|
EP3101 Datasheet(HTML) 3 Page - Eorex Corporation |
3 / 13 page eorex EP3101 Jul. 2006 www.eorex.com 3/13 Absolute Maximum Rating (Note 1) Symbol Item Rating Units VIN Input Supply Voltage +4 5 V VEN EN Pin Input Voltage -0.3 ~ +25 V VFB Feedback Pin Voltage -0.3 ~ +25 V VOUT Output Voltage to Ground -1 V VOP Operating Voltage +4.5 ~+25 V PD Power Dissipation Internally Limited W TOP Operating Temperature Range -40 ~ +125 °C TSTG Storage Temperature Range -65 ~ +150 °C Electrical Characteristics (Note 2) Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=24V for the 12V version. ILOAD=0.5A Symbol Parameter Conditions Min. Typ. Max. Units 60 IFB Feedback Bias Current VFB=1.3V (Adjustable version only) 40 100 nA 127 150 173 FOSC Oscillator Frequency 110 173 KHz 1.4 VSAT Saturation Voltage IOUT=3A no outside circuit VFB=0V force driver on 1.3 1.5 V Max. Duty Cycle (ON) VFB=0V force driver on 100 DC Min. Duty Cycle (OFF) VFB=12V force driver off 0 % 5.5 ICL Current Limit Peak Current no outside circuit VFB=0V force driver on 3.6 4.0 6.5 A Output=0 No outside circuit VFB=12V fore driver off 200 µA IL Output=-1 Output Leakage Current VIN=40V 2 30 mA IQ Quiescent Current VFB=12V force driver off 5 10 mA 250 ISTBY Standby Quiescent Current EN pin=5V VIN=40V 150 300 µA VIL Low (regulator ON) 0.6 VIH EN Pin Logic Input Threshold Voltage High (regulator OFF) 2.0 1.3 V IH EN Pin Logic Input Current VLOGIC=2.5V (OFF) 15 25 IL EN Pin Input Current VLOGIC=0.5V (ON) 0.02 5 µA TO220-5L 2.5 θJC Thermal Resistance TO263-5L Junction to Case 3.5 °C/W TO220-5L 28 θJA Thermal Resistance with Copper Area of Approximately 3in2 TO263-5L Junction to Ambient 23 °C/W Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization. |
Similar Part No. - EP3101_15 |
|
Similar Description - EP3101_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |