Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM484M1644VTD Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM484M1644VTD
Description  Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M1644VTD Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM484M1644VTD_15 Datasheet HTML 5Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 6Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 7Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 8Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 9Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 10Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 11Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 12Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
eorex
EM484M1644VTD
Recommended Power On and Initialization
The following power on and initialization sequence guarantees the device is preconditioned to each user
’s
specific needs. (Like a conventional DRAM) During power on, all VDD and VDDQ pins must be built up
simultaneously to the specified voltage when the input signals are held in the
“NOP” state. The power on
voltage must not exceed VDD+0.3V on any of the input pins or VDD supplies. (CLK signal started at same
time)
After power on, an initial pause of 200 µs is required followed by a precharge of all banks using the
precharge command.
To prevent data contention on the DQ bus during power on, it is required that the DQM and CKE pins be
held high during the initial pause period. Once all banks have been precharged, the Mode Register Set
Command must be issued to initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR)
are also required, and these may be done before or after programming the Mode Register.
Apr. 2014
www.eorex.com
9/18


Similar Part No. - EM484M1644VTD_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTD-6F EOREX-EM484M1644VTD-6F Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M1644VTD-6FE EOREX-EM484M1644VTD-6FE Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M1644VTD-7F EOREX-EM484M1644VTD-7F Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M1644VTD-7FE EOREX-EM484M1644VTD-7FE Datasheet
1Mb / 18P
   Programmable CAS Latency
More results

Similar Description - EM484M1644VTD_15

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com