Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM484M1644VTD Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM484M1644VTD
Description  Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M1644VTD Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM484M1644VTD_15 Datasheet HTML 3Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 4Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 5Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 6Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 7Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 8Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 9Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 10Page - Eorex Corporation EM484M1644VTD_15 Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
(VDD=3.3V
0.3V, TA=0°C ~70°C/TA=-25°C ~ +85°C for extended grade)
(VDD=3.3V
0.3V, TA=0°C ~70°C/TA=-25°C ~ +85°C for extended grade)
eorex
EM484M1644VTD
AC Operating Test Conditions
AC Operating Test Characteristics
* All voltages referenced to VSS.
Note 5.1: If clock rising time is longer than 1ns, (tT /2-0.5)ns should be added to the parameter.
Apr. 2014
www.eorex.com
7/18
Symbol
Parameter
-6
-7
Units
Min.
Max.
Min.
Max.
tCK
Clock Cycle Time
CL=3
6
7
ns
CL=2
10
10
tAC
Access Time form CLK
(Note 5.1)
CL=3
5.4
5.4
ns
CL=2
5.4
5.4
tCH
CLK High Level Width
(Note 5.2)
2.5
2.5
ns
tCL
CLK Low Level Width
(Note 5.2)
2.5
2.5
ns
tOH
Data-out Hold Time
(Note 5.1)
CL=3
2.5
2.5
ns
CL=2
2.5
2.5
tHZ
Data-out High Impedance
Time
(Note 5.3)
CL=3
3
6
3
7
ns
CL=2
tLZ
Data-out Low Impedance Time
(Note 5.1)
0
0
ns
tIH
Input Hold Time
(Note 5.2)
1
1
ns
tIS
Input Setup Time
(Note 5.2)
1.5
1.5
ns
tT
Transition time of CLK ,rise & fall
0.3
1.5
0.3
1.5
ns
Item
Conditions
Output Reference Level
1.4V/1.4V
Output Load
See diagram as below
Input Signal Level
2.4V/0.4V
Transition Time of Input Signals
tr/tf=1/1 ns
Input Reference Level
1.4V


Similar Part No. - EM484M1644VTD_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTD-6F EOREX-EM484M1644VTD-6F Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M1644VTD-6FE EOREX-EM484M1644VTD-6FE Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M1644VTD-7F EOREX-EM484M1644VTD-7F Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M1644VTD-7FE EOREX-EM484M1644VTD-7FE Datasheet
1Mb / 18P
   Programmable CAS Latency
More results

Similar Description - EM484M1644VTD_15

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com