Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM482M3244VTB Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM482M3244VTB
Description  Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM482M3244VTB Datasheet(HTML) 2 Page - Eorex Corporation

  EM482M3244VTB_15 Datasheet HTML 1Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 2Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 3Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 4Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 5Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 6Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 7Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 8Page - Eorex Corporation EM482M3244VTB_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
eorex
Pin Assignment
EM482M3244VTB
86pin TSOP-II / (400mil
 875mil) / (0.5mm Pin pitch)
Jul. 2006
www.eorex.com
2/17


Similar Part No. - EM482M3244VTB_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM482M3244VTB-6F EOREX-EM482M3244VTB-6F Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTB-6FE EOREX-EM482M3244VTB-6FE Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM482M3244VTB-75FE EOREX-EM482M3244VTB-75FE Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM482M3244VTB-7F EOREX-EM482M3244VTB-7F Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTB-7FE EOREX-EM482M3244VTB-7FE Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
More results

Similar Description - EM482M3244VTB_15

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com