Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC1219UF Datasheet(PDF) 1 Page - AUK corp

Part # SRC1219UF
Description  NPN Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SRC1219UF Datasheet(HTML) 1 Page - AUK corp

  SRC1219UF Datasheet HTML 1Page - AUK corp SRC1219UF Datasheet HTML 2Page - AUK corp SRC1219UF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSR-3034-000
1
SRC1219UF
NPN Silicon Transistor
2.1
±0.1
1.30
±0.1
1
2
3
Descriptions
• Switching application
• Interface circuit and driver circuit application
Features
• With built-in bias resistors
• Simplify circuit design
• Reduce a quantity of parts and manufacturing process
• High packing density
Ordering Information
Type NO.
Marking
Package Code
SRC1219UF
RC
SOT-323F
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
•••• Equivalent Circuit
R1
R2
B(IN)
E(COMMON)
C(OUT)
R1
R2
4.7K
10K
PIN Connections
1. Base
2. Emitter
3. Collector


Similar Part No. - SRC1219UF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SRC1219UF KODENSHI-SRC1219UF Datasheet
227Kb / 4P
   NPN Silicon Transistor
SRC1219UF KODENSHI-SRC1219UF Datasheet
227Kb / 4P
   Switching application
More results

Similar Description - SRC1219UF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com