Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB80W10T Datasheet(PDF) 1 Page - ON Semiconductor

Part # SB80W10T
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB80W10T Datasheet(HTML) 1 Page - ON Semiconductor

  SB80W10T Datasheet HTML 1Page - ON Semiconductor SB80W10T Datasheet HTML 2Page - ON Semiconductor SB80W10T Datasheet HTML 3Page - ON Semiconductor SB80W10T Datasheet HTML 4Page - ON Semiconductor SB80W10T Datasheet HTML 5Page - ON Semiconductor SB80W10T Datasheet HTML 6Page - ON Semiconductor SB80W10T Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
80812 TKIM/O2710SB TKIM TC-00002519 No. A1817-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SB80W10T
Schottky Barrier Diode
100V, 8A, Low IR, Monolithic Dual TP Common Cathode
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Anode
2 : Cathode
3 : Anode
4 : Cathode
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Anode
2 : Cathode
3 : Anode
4 : Cathode
TP-FA
S80W
10
LOT No.
13
2
SB80W10T-H
SB80W10T-TL-H
Features
VF max=0.8V
IR max=0.1mA
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
105
V
Average Output Current
IO*1
50Hz resistive load, sine wave Tc=62°C
8
A
IO*2
50Hz resistive load, sine wave Tc=121°C
4
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
40
A
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Note)
*1. Indicates the total value
*2. Value per element
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
7518-001
7003-002
Ordering number : ENA1817A


Similar Part No. - SB80W10T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
   100V, 8A Rectifier
SB80W10T-H SANYO-SB80W10T-H Datasheet
439Kb / 7P
   100V, 8A Rectifier
SB80W10T-TL-H SANYO-SB80W10T-TL-H Datasheet
439Kb / 7P
   100V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
   100V, 8A Rectifier
More results

Similar Description - SB80W10T

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com