Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA3286 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA3286
Description  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286 Datasheet(HTML) 4 Page - ON Semiconductor

  SA3286 Datasheet HTML 1Page - ON Semiconductor SA3286 Datasheet HTML 2Page - ON Semiconductor SA3286 Datasheet HTML 3Page - ON Semiconductor SA3286 Datasheet HTML 4Page - ON Semiconductor SA3286 Datasheet HTML 5Page - ON Semiconductor SA3286 Datasheet HTML 6Page - ON Semiconductor SA3286 Datasheet HTML 7Page - ON Semiconductor SA3286 Datasheet HTML 8Page - ON Semiconductor SA3286 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
4
Table 2. ELECTRICAL CHARACTERISTICS (VBAT = 1.25 V; Temperature = 25°C) (Note 2)
Parameter
Units
Max
Typ
Min
Conditions
Symbol
OUTPUT
D/A Dynamic Range
88
dB
Output Impedance
ZOUT
15
W
VOLUME CONTROL
Volume Control Resistance
RVC
Two−terminal connection
160
200
240
kW
Three−terminal connection
100
1000
Volume Control Range
DA
1
42
dB
SDA INPUT
Logic 0 Voltage
0
0.3
V
Logic 1 Voltage
1
1.3
V
SDA OUTPUT
Standby Pull Up Current
1.4
5
6.5
mA
Sync Pull Up Current
775
900
1100
mA
Logic 0 Current (Pull Down)
450
mA
Logic 1 Current (Pull Up)
450
mA
Synchronization Time
(Synchronization Pulse Width)
TSYNC
Baud = 0
237
250
263
ms
Baud = 1
118
125
132
Baud = 2
59
62.5
66
Baud = 3
29.76
31.25
32.81
Baud = 4
14.88
15.63
16.41
Baud = 5
7.44
7.81
8.20
Baud = 6
3.72
3.91
4.10
Baud = 7
1.86
1.95
2.05
MS AND MS2 INPUTS
Pull Down / Up Resistance
1
MW
Logic 1 Voltage
VREG
VB
V
Rising Edge Threshold
0.5
0.69
0.9
V
Falling Edge Threshold
0.25
0.45
0.5
V
Hysteresis
0.1
0.24
0.4
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Total system gain consists of: wideband system gain + channel gain + converter gain. Total System gain is calibrated during Cal/Config process.
2. Average currents with auto−ADM or iSceneDetect modes enabled are typically lower.


Similar Part No. - SA3286

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1-T ONSEMI-SA3229-E1-T Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SA3244 ETC2-SA3244 Datasheet
96Kb / 2P
   Screw Terminal Inserts - fit all body styles
More results

Similar Description - SA3286

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com