Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG17CMUTCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SG17CMUTCG
Description  Schmitt Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG17CMUTCG Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SG17CMUTCG Datasheet HTML 1Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 2Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 3Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 4Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 5Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 6Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 7Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 8Page - ON Semiconductor NL17SG17CMUTCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NL17SG17
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +5.5
V
VIN
DC Input Voltage
−0.5 to +4.6
V
VOUT
DC Output Voltage
Output at High or Low State
Power−Down Mode (VCC = 0 V)
−0.5 to VCC + 0.5
−0.5 to +4.6
V
IIK
DC Input Diode Current
VIN < GND
−20
mA
IOK
DC Output Diode Current
VOUT < GND
−20
mA
IOUT
DC Output Source/Sink Current
±20
mA
ICC
DC Supply Current per Supply Pin
±20
mA
IGND
DC Ground Current per Ground Pin
±20
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
>2000
>100
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
Positive DC Supply Voltage
0.9
3.6
V
VIN
Digital Input Voltage
0.0
3.6
V
VOUT
Output Voltage
Output at High or Low State
Power−Down Mode (VCC = 0 V)
0.0
0.0
VCC
3.6
V
TA
Operating Temperature Range
−55
+125
°C
Dt / DV
Input Transition Rise or Fail Rate
0
No Limit
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NL17SG17CMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG125 ONSEMI-NL17SG125 Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125 ONSEMI-NL17SG125 Datasheet
156Kb / 11P
   Bus Buffer with 3-State Output
November, 2018 ??Rev. 5
NL17SG125AMUTCG ONSEMI-NL17SG125AMUTCG Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125CMUTCG ONSEMI-NL17SG125CMUTCG Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125DFT2G ONSEMI-NL17SG125DFT2G Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
More results

Similar Description - NL17SG17CMUTCG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG17AFS TOSHIBA-TC7SG17AFS Datasheet
155Kb / 6P
   Schmitt Buffer
TC7SG17FU TOSHIBA-TC7SG17FU Datasheet
151Kb / 6P
   Schmitt Buffer
TC7SZ17AFS TOSHIBA-TC7SZ17AFS Datasheet
184Kb / 5P
   Schmitt Buffer
TC7SH17F TOSHIBA-TC7SH17F Datasheet
172Kb / 6P
   Schmitt Buffer
TC7SG17FE TOSHIBA-TC7SG17FE Datasheet
147Kb / 6P
   Schmitt Buffer
TC7SZ17F TOSHIBA-TC7SZ17F Datasheet
177Kb / 6P
   Schmitt Buffer
TC74VHCV17FT TOSHIBA-TC74VHCV17FT Datasheet
182Kb / 8P
   Hex Schmitt Buffer
TC7PG17FU TOSHIBA-TC7PG17FU Datasheet
149Kb / 6P
   Dual Schmitt Buffer
2009-09-18
TC7PG17AFE TOSHIBA-TC7PG17AFE Datasheet
281Kb / 6P
   Dual Schmitt Buffer
2013-07-25
TC7PA17FU TOSHIBA-TC7PA17FU Datasheet
184Kb / 8P
   Dual Schmitt Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com