Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG14CMUTCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SG14CMUTCG
Description  Schmitt Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG14CMUTCG Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SG14CMUTCG Datasheet HTML 1Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 2Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 3Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 4Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 5Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 6Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 7Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 8Page - ON Semiconductor NL17SG14CMUTCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NL17SG14
www.onsemi.com
5
Figure 5. Switching Waveform
Figure 6. Test Circuit
VCC
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
INPUT
CL*
*Includes all probe and jig capacitance.
A 1 MHz square input wave is recommended for
propagation delay tests.
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
NL17SG14P5T5G
SOT−953
(Pb−Free)
8000 / Tape & Reel
NL17SG14DFT2G
SC−88A
(Pb−Free)
3000 / Tape & Reel
NLV17SG14DFT2G*
SC−88A
(Pb−Free)
3000 / Tape & Reel
NL17SG14AMUTCG
(In Development)
UDFN6 1.45x1 mm
(Pb−Free)
3000 / Tape & Reel
NL17SG14CMUTCG
(In Development)
UDFN6 1x1 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NL17SG14CMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG125 ONSEMI-NL17SG125 Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125 ONSEMI-NL17SG125 Datasheet
156Kb / 11P
   Bus Buffer with 3-State Output
November, 2018 ??Rev. 5
NL17SG125AMUTCG ONSEMI-NL17SG125AMUTCG Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125CMUTCG ONSEMI-NL17SG125CMUTCG Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
NL17SG125DFT2G ONSEMI-NL17SG125DFT2G Datasheet
141Kb / 11P
   Bus Buffer with 3-State Output
March, 2014 ??Rev. 4
More results

Similar Description - NL17SG14CMUTCG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
   Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
   Schmitt Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
   Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
   SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
   Schmitt Inverter
TC7SZ14F TOSHIBA-TC7SZ14F_07 Datasheet
169Kb / 6P
   Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
   SCHMITT INVERTER
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
   Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7S14F TOSHIBA-TC7S14F Datasheet
203Kb / 5P
   SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com