Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB05-601-RC Datasheet(PDF) 1 Page - Allied Components International

Part # HFB05-601-RC
Description  High Frequency Ferrite Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HFB05-601-RC Datasheet(HTML) 1 Page - Allied Components International

  HFB05-601-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HFB05-471-RC
HFB05-601-RC
HFB05-102-RC
HFB05-152-RC
Allied
Part
Number
Impedance
(Ω)
@ 100 MHz
25%
DC
(Ω) Max.
Rated
Current
(mA)
470
600
1000
1500
0.7
0.8
1.5
1.6
200
200
100
100
HFB05
All specifications subject to change without notice
.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.063±0.008
(1.60±0.20)
0.031±0.006
(0.79±0.15)
0.031±0.006
(0.79±0.15)
0.016±0.008
(0.41±0.20)
0.031
(0.79)
0.041
(1.04)
0.023
(0.58)
HFB03 & 05
High Frequency Ferrite Beads
RoHS
Dimensions:
Inches
(mm)
Electrical
Impedance Range:
Tolerance: 25% over entire range
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging:
HFB03 10000 pieces per 7 inch reel.
Marking: None
(Z):
HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Temp: -55ºC ~ +125ºC
Rate Current:
Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• Offers Impedance performance at high frequencies
• Multi layer technology
• Flow and reflow soldering
Storage Temp:
Under 25ºC at 40~60% Humidity
REVISED 6/23/09
Impedance
(Ω)
@ 1 GHz
40%
600
700
1000
1500
HFB03-102-RC
HFB05-471-RC
HFB05-601-RC
HFB03
0.039±0.006
(0.99±0.15)
0.020±0.006
(0.51±0.15)
0.020±0.006
(0.51±0.15)
0.010±0.006
(0.25±0.15)
0.016
(0.41)
0.016
(0.41)
0.018
(0.46)
HFB03-601-RC
HFB03-102-RC
600
1000
0.7
1.1
300
250
1000
1400
HFB03
HFB05
HFB03 600 to 1000Ω
HFB05 470 to 1500Ω
HFB05 4000 pieces per 7 inch reel.
HFB03-601-RC
0
200
400
600
800
1000
1200
1
10
100
1000
10000
FREQUENCY(MHz)
0
500
1000
1500
2000
1
10
100
1000
10000
FREQUENCY(MHz)
0
500
1000
1500
2000
1
10
100
1000
10000
FREQUENCY(MHz)
0
100
200
300
400
500
600
700
800
900
1
10
100
1000
10000
FREQUENCY(MHz)


Similar Part No. - HFB05-601-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFB05-601-RC ALLIED-HFB05-601-RC Datasheet
656Kb / 1P
   High Frequency Ferrite Beads
HFB05-601-RC ALLIED-HFB05-601-RC Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
More results

Similar Description - HFB05-601-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFB03-05 ALLIED-HFB03-05 Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
HFB03-601-RC ALLIED-HFB03-601-RC Datasheet
656Kb / 1P
   High Frequency Ferrite Beads
logo
NIC-Components Corp.
NCBG NIC-NCBG Datasheet
82Kb / 2P
   High Frequency Ferrite Chip Beads
NCBGH NIC-NCBGH Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012 Datasheet
41Kb / 2P
   Ferrite Beads
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
logo
Vishay Siliconix
ILHB1812ER601V VISHAY-ILHB1812ER601V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB VISHAY-ILHB Datasheet
121Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 06-Mar-07
logo
Murata Manufacturing Co...
BLM18DN221SN1 MURATA1-BLM18DN221SN1 Datasheet
390Kb / 4P
   Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
BLM18DN381SH1 MURATA1-BLM18DN381SH1 Datasheet
395Kb / 3P
   Chip ferrite beads for high frequency noise suppression over a wide frequency range.
Last updated07/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com