Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRJ10L60CTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRJ10L60CTG
Description  Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRJ10L60CTG Datasheet(HTML) 4 Page - ON Semiconductor

  MBRJ10L60CTG Datasheet HTML 1Page - ON Semiconductor MBRJ10L60CTG Datasheet HTML 2Page - ON Semiconductor MBRJ10L60CTG Datasheet HTML 3Page - ON Semiconductor MBRJ10L60CTG Datasheet HTML 4Page - ON Semiconductor MBRJ10L60CTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRJ10L60CTG
http://onsemi.com
4
0
1
2
3
4
5
6
7
8
01
2345678
9
10
dc
SQUARE WAVE
IO, AVERAGE FORWARD CURRENT (A)
Figure 7. Forward Power Dissipation
TJ = 150°C
10
100
1000
10000
0
1020
3040
50
60
VR, REVERSE VOLTAGE (V)
Figure 8. Capacitance
TJ = 25°C
0.001
0.1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
1
Figure 9. Typical Transient Thermal Response, Junction−to−Case
t, PULSE TIME (sec)
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
0.02
0.01


Similar Part No. - MBRJ10L60CTG

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MBRJ10100CT FOSHAN-MBRJ10100CT Datasheet
731Kb / 6P
   Ultrafast Recovery Diode in a TO-220S Plastic Package
MBRJ10150CT FOSHAN-MBRJ10150CT Datasheet
730Kb / 6P
   Ultrafast Recovery Diode in a TO-220S Plastic Package
logo
ON Semiconductor
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
More results

Similar Description - MBRJ10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 3
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
134Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 7
logo
Kwang Myoung I.S. CO.,L...
70HF KISEMICONDUCTOR-70HF Datasheet
649Kb / 7P
   POWER RECTIFIER
logo
ON Semiconductor
MBRJ30L45CTG ONSEMI-MBRJ30L45CTG Datasheet
106Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MUR10120E ONSEMI-MUR10120E Datasheet
130Kb / 4P
   Power Rectifier
September, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com