Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRJ20100CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRJ20100CTG
Description  Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRJ20100CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MBRJ20100CTG Datasheet HTML 1Page - ON Semiconductor MBRJ20100CTG Datasheet HTML 2Page - ON Semiconductor MBRJ20100CTG Datasheet HTML 3Page - ON Semiconductor MBRJ20100CTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRJ20100CTG
http://onsemi.com
2
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR), TC = 133°C
Total Device
IF(AV)
10
20
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz), TC = 133°C
IFRM
20
A
Non−repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
0.5
A
Operating Junction and Storage Temperature Range (Note 1)
TJ, Tstg
− 65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/ms
RMS Isolation Voltage (t = 0.3 second, R.H. ≤ 30%, TA = 25°C) (Note 2)
Per Figure 4
Viso1
4500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS (Per Leg)
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
Junction to Case
Junction to Ambient
RqJC
RqJA
3.9
105
°C/W
Lead Temperature for Soldering Purposes: 1/8″ from Case for 5 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 10 Amp, TC = 25°C)
(iF = 10 Amp, TC = 125°C)
(iF = 20 Amp, TC = 25°C)
(iF = 20 Amp, TC = 125°C)
vF
0.85
0.75
0.95
0.85
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.15
150
mA
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Proper strike and creepage distance must be provided.
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
0.01
0.1
1.0
10
120
100
80
60
40
20
0
VR, REVERSE VOLTAGE (VOLTS)
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
0.5
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1.0
3.0
5.0
10
20
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ = 25°C
100
°C
150
°C


Similar Part No. - MBRJ20100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRJ20200CTG ONSEMI-MBRJ20200CTG Datasheet
109Kb / 5P
   Schottky Power Rectifier
November, 2012 ??Rev. P0
MBRJ2045CTG ONSEMI-MBRJ2045CTG Datasheet
116Kb / 6P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ2060CTG ONSEMI-MBRJ2060CTG Datasheet
108Kb / 4P
   Schottky Power Rectifier
November, 2012 ??Rev. P0
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
More results

Similar Description - MBRJ20100CTG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com