Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA2219E Datasheet(PDF) 1 Page - AUK corp

Part # SRA2219E
Description  PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SRA2219E Datasheet(HTML) 1 Page - AUK corp

  SRA2219E Datasheet HTML 1Page - AUK corp SRA2219E Datasheet HTML 2Page - AUK corp SRA2219E Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSR-4032-000
1
SRA2219E
PNP Silicon Transistor
Descriptions
• Switching application
• Interface circuit and driver circuit application
Features
• With built-in bias resistors
• Simplify circuit design
• Reduce a quantity of parts and manufacturing process
• High packing density
Ordering Information
Type NO.
Marking
Package Code
SRA2219E
CR
SOT-523
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
•••• Equivalent Circuit
R1
R2
B(IN)
E(COMMON)
C(OUT)
R1
R2
4.7K
10K
PIN Connections
1. Base
2. Emitter
3. Collector
1
2
3
1.60
±0.1.
0.80
±0.1.
0.15 Min.


Similar Part No. - SRA2219E

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SRA2219E KODENSHI-SRA2219E Datasheet
233Kb / 4P
   PNP Silicon Transistor
SRA2219E KODENSHI-SRA2219E Datasheet
233Kb / 4P
   Switching application
logo
AUK corp
SRA2219EF AUK-SRA2219EF Datasheet
52Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SRA2219EF KODENSHI-SRA2219EF Datasheet
257Kb / 4P
   PNP Silicon Transistor
SRA2219EF KODENSHI-SRA2219EF Datasheet
257Kb / 4P
   Switching application
More results

Similar Description - SRA2219E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com