Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMPC24-5R6L-RC Datasheet(PDF) 2 Page - Allied Components International

Part # AMPC24-5R6L-RC
Description  Axial Molded Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AMPC24-5R6L-RC Datasheet(HTML) 2 Page - Allied Components International

  AMPC24-5R6L-RC Datasheet HTML 1Page - Allied Components International AMPC24-5R6L-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
• High Current
• Extended Temp Range
• Expanded Inductance Range
Electrical
Testing: Inductance Range: 1.0uH~
Tolerance:
Test Equipment
(L):HP 4263B LCR Meter
.
Physical
Packaging: 200 per bag
1000 per Reel
AMPC24-562L-RC
15
11.2
0.09
0.18
AMPC24-682L-RC
15
15.0
0.08
0.15
AMPC24-822L-RC
15
20.8
0.07
0.13
AMPC24-103L-RC
15
23.4
0.06
0.12
AMPC24-123L-RC
15
26.0
0.06
0.12
AMPC24-153L-RC
15
36.0
0.05
0.10
AMPC24-183L-RC
15
40.0
0.05
0.09
All specifications subject to change without notice.
Axial Molded Power Chokes
AMPC24
Allied
Part
Number
Rated
Current
(A)
Inductance
(µh)
Tolerance
(%)
Saturation
Current
(A)
DCR
Max.
(Ω)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
.
Marking: EIA Inductance Code
01/21/2015
15% over entire Inductance
range.
18000uH
Available in tighter tolerances
Test Frequency for (L) :1KHz, 1V
(IDC): CH301 Current Source and
DCR Meter
OperatingTemp: -55ºC ~+125ºC
CurrentRating: Based on a 5% drop in
(L) from initial value. Part temperature
should not exceed 125ºC
Measurements @ 20ºC
5600
6800
8200
10000
12000
15000
18000


Similar Part No. - AMPC24-5R6L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
   Axial Molded Power Chokes
AMPC20-100K-RC ALLIED-AMPC20-100K-RC Datasheet
745Kb / 1P
   Axial Molded Power Chokes
AMPC20-100K-RC ALLIED-AMPC20-100K-RC Datasheet
743Kb / 1P
   Axial Molded Power Chokes
AMPC20-101K-RC ALLIED-AMPC20-101K-RC Datasheet
745Kb / 1P
   Axial Molded Power Chokes
AMPC20-101K-RC ALLIED-AMPC20-101K-RC Datasheet
743Kb / 1P
   Axial Molded Power Chokes
More results

Similar Description - AMPC24-5R6L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
   Axial Molded Power Chokes
AMPC20-3R9K-RC ALLIED-AMPC20-3R9K-RC Datasheet
745Kb / 1P
   Axial Molded Power Chokes
APC45 ALLIED-APC45 Datasheet
1Mb / 1P
   Axial Molded Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com