Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC1811-4036 Datasheet(PDF) 1 Page - Allied Components International

Part # APC1811-4036
Description  1811 Through Hole Port Core Design
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

APC1811-4036 Datasheet(HTML) 1 Page - Allied Components International

  APC1811-4036 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
08/20/2014
ISDN Transformer
APC1811-4036
MECHANICAL
Electrical Specifications @ 25°C
All specifications subject to change without notice.
:
C
E
S
O
T
I
R
P
1 - 4 : 13.0mH~180mH
HI-POT TEST
INDUCTANCE
10KHz/1V HP-4284A
DCR
CH-502A @25ºC
1 - 4 : 5 - 7
1.65 : 1 ± 3% (short pin 2 + 3)
Operating Temperature: 40ºC ~ +85ºC including temp rise
1 - 4 : 5.2 Ohm ± 15% (short pin 2+3)
CORE GAP
MYLAR-FILM
DIMENSION:
UNIT: mm
SCHEMATIC:
WINDING:
1811 Through Hole Port Core Design
(short PIN 2+3)
5 - 7 : 3.0 Ohm ± 15%
Turns Ratio
AC 3000V 3mA for 2 Sec
For ISDN and other applications


Similar Part No. - APC1811-4036

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18 ASTEC-APC18 Datasheet
749Kb / 2P
   60 Watts
logo
Emerson Network Power
APC18 EMERSON-NETWORKPOWER-APC18 Datasheet
749Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
   3.0-5.5Vin / 18A Non-Isolated Point-of-Load
APC18T04-9 ASTEC-APC18T04-9 Datasheet
749Kb / 2P
   60 Watts
logo
Emerson Network Power
APC18T04-9 EMERSON-NETWORKPOWER-APC18T04-9 Datasheet
749Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
More results

Similar Description - APC1811-4036

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BMS-2011 DBLECTRO-BMS-2011 Datasheet
90Kb / 1P
   BMS-1811
BMS-1811 DBLECTRO-BMS-1811 Datasheet
88Kb / 1P
   BMS-1811
logo
Vishay Siliconix
VBUS052CD-FAH VISHAY-VBUS052CD-FAH Datasheet
646Kb / 6P
   2-Line BUS-Port ESD-Protection - Flow Through Design
Rev. 1.2, 19-May-10
VBUS052C-FAH VISHAY-VBUS052C-FAH Datasheet
136Kb / 7P
   2-Line BUS-Port ESD Protection - Flow Through Design
Rev. 1.7, 14-Oct-2019
VBUS052CD-FAH VISHAY-VBUS052CD-FAH_V01 Datasheet
137Kb / 7P
   2-Line BUS-Port ESD Protection - Flow Through Design
01-Jan-2022
VBUS54GD-FBL VISHAY-VBUS54GD-FBL Datasheet
136Kb / 8P
   4-Line BUS-Port ESD Protection - Flow Through Design
Rev. 1.2, 03-May-17
VBUS054CD-FHI VISHAY-VBUS054CD-FHI Datasheet
131Kb / 7P
   4-Line BUS-Port ESD-Protection - Flow Through Design
Rev. 1.4, 31-May-12
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
   2-Line BUS-Port ESD-Protection - Flow Through Design
Rev. 1.3, 31-May-12
VBUS54ED-FBL VISHAY-VBUS54ED-FBL Datasheet
133Kb / 6P
   4-Line BUS-Port ESD Protection - Flow Through Design
Rev. 1.0, 15-Aug-11
logo
Molex Electronics Ltd.
1510160313 MOLEX11-1510160313 Datasheet
59Kb / 2P
   DDR4 DIMM Socket, Aerodynamic Design, Vertical Through-Hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com